Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1545 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK1545
Description  3.5GHz Low Noise Integer-N Frequency Synthesizer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1545 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK1545 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1545 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
[AK1545]
3. Analog Circuit Characteristics
VDD1=2.7V to 5.5V, VDD2=VDD1 to 5.6V, –40°C ≤ Ta ≤ 85°C, unless otherwise specified.
Parameter
Min.
Typ.
Max.
Unit
Remarks
RF Characteristics
Input Sensitivity
-10
2
dBm
Input Frequency
500
3500
MHz
REFIN Characteristics
Input Sensitivity
0.4
VDD1
Vpp
Input Frequency
5
100
MHz
Maximum Allowable Prescaler Output
Frequency
120
MHz
Phase Detector
Phase Detector Frequency
55
MHz
Charge Pump
Charge Pump High Value
1
mA
Charge Pump Low Value
250
μA
Icp TRI-STATE Leak Current
1
nA
0.6≤Vcpo≤VDD2-0.7, Ta=25°C
Mismatch between Source and Sink Currents
(Note 1)
3
%
Vcpo=VDD2/2, Ta=25°C
Icp vs. Vcpo (Note 2)
2
%
0.5≤Vcpo≤VDD2-0.5, Ta=25°C
Noise Characteristic
Normalized Phase Noise Floor
-217
dBc/Hz
Current Consumption
IDD1
10
μA
[PDN]=“0” or {PD1}=1
IDD2 (Note3, Note4)
12
18
mA
[PDN]=”1”, {PD1}=0, IDD for VDD1
IDD3 (Note4)
0.4
0.7
mA
[PDN]=”1”, {PD1}=0, IDD for VDD2
Note 1) Mismatch between Source and Sink Currents : [(|Isink|-|Isource|)/{(|Isink|+|Isource|)/2}] × 100 [%]
Note 2) See “Charge Pump Characteristics - Voltage vs. Current”. Vcpo is the output voltage at [CP].
Icp vs. Vcpo : [{1/2×(|I1|-|I2|)}/{1/2×(|I1|+|I2|)}]×100 [%]
Note 3) When [PDN] = ”1” and {PD1}=0, the total power supply current of the AK1545 is “IDD2+IDD3+ Charge
pump current”.
Note 4) RFIN=3.5GHz,5dBm, REFIN=100MHz,10dBm, {R}=100,{B}=109,{A}=12
MS1471-E-00
9
2012/10


Similar Part No. - AK1545

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
   Serial / Parallel Connection Cable
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
   20 to 600MHz Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
   20 to 600MHz Integer-N Frequency Synthesizer
More results

Similar Description - AK1545

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1546 AKM-AK1546 Datasheet
676Kb / 39P
   3GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE97240 PSEMI-PE97240 Datasheet
2Mb / 21P
   Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com