Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2921 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK2921
Description  Zero Drift operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2921 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK2921 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 11Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 12Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 13Page - Asahi Kasei Microsystems AK2921 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
[AK2921]
Rev.1.00Ea
2012/4
- 10 -
Power Supply Rejection Ratio vs. Temperature
Maximum output swing vs. Frequency
Maximum output swing vs. Frequency
(VDD=1.6V, Ta=25
°C, Av = 1, RL = 10kΩ)
(VDD=5V, Ta=25
°C, Av = 1, RL = 10kΩ)
PSRR - Temperature
50
60
70
80
90
100
110
120
130
-40
-20
0
2 04060
80
Temperature [℃]
Maximum output swing
0
0.4
0.8
1.2
1.6
2
1.E +0 1
1 .E+02
1.E +0 3
1 .E+04
1.E +0 5
1 .E+06
1.E +0 7
Frequency [Hz]
Maximum output swing
0
1
2
3
4
5
6
1 .E+01
1.E+02
1.E +03
1. E+04
1.E+05
1.E+06
1.E +0 7
Frequency [Hz]


Similar Part No. - AK2921

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2920 AKM-AK2920 Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2929 AKM-AK2929 Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results

Similar Description - AK2921

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com