Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L25716LL-45LLIT Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY62L25716LL-45LLIT
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L25716LL-45LLIT Datasheet(HTML) 1 Page - Lyontek Inc.

  LY62L25716LL-45LLIT Datasheet HTML 1Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 2Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 3Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 4Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 5Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 6Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 7Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 8Page - Lyontek Inc. LY62L25716LL-45LLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LY62L25716
Rev. 2.6
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Apr.19.2006
Rev. 2.0
Revised ISB(max) : 0.5mA => 1.25mA
May.11.2006
Rev. 2.1
Adding 44-pin TSOP-II
Jul.5.2006
Rev. 2.2
Adding 48-ball BGA
Dec.20.2006
Rev. 2.3
Revised IDR
Deleted L Spec.
Added SL Spec.
Revised Test Condition of ICC/ISB1/IDR
Revised VTERM to VT1 and VT2
Mar.3.2008
Rev. 2.4
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package
available
Added packing type in
ORDERING INFORMATION
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Mar.30.2009
Rev. 2.5
Rev. 2.6
Revised
PACKAGE OUTLINE DIMENSION in page 13
Revised
ORDERING INFORMATION in page 14
May.6.2010
Aug.25.2010


Similar Part No. - LY62L25716LL-45LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25716LL-45LLIT LYONTEK-LY62L25716LL-45LLIT Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L25716LL-45LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com