Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L1024GL-35SLT Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY62L1024GL-35SLT
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L1024GL-35SLT Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY62L1024GL-35SLT Datasheet HTML 2Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 3Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 4Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 5Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 6Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 7Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 8Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 9Page - Lyontek Inc. LY62L1024GL-35SLT Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LY62L1024
Rev. 1.6
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY62L1024-35
LY62L1024-55
LY62L1024-70
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
35
-
55
-
70
-
ns
Address Access Time
tAA
-
35
-
55
-
70
ns
Chip Enable Access Time
tACE
-
35
-
55
-
70
ns
Output Enable Access Time
tOE
-
25
-
30
-
35
ns
Chip Enable to Output in Low-Z
tCLZ*
10
-
10
-
10
-
ns
Output Enable to Output in Low-Z
tOLZ*
5
-
5
-
5
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
15
-
20
-
25
ns
Output Disable to Output in High-Z
tOHZ*
-
15
-
20
-
25
ns
Output Hold from Address Change
tOH
10
-
10
-
10
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY62L1024-35
LY62L1024-55
LY62L1024-70
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
tWC
35
-
55
-
70
-
ns
Address Valid to End of Write
tAW
30
-
50
-
60
-
ns
Chip Enable to End of Write
tCW
30
-
50
-
60
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Write Pulse Width
tWP
25
-
45
-
55
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Data to Write Time Overlap
tDW
20
-
25
-
30
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
0
-
ns
Output Active from End of Write
tOW*
5
-
5
-
5
-
ns
Write to Output in High-Z
tWHZ*
-
15
-
20
-
25
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY62L1024GL-35SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024GL-35LLI LYONTEK-LY62L1024GL-35LLI Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024GL-35LLIT LYONTEK-LY62L1024GL-35LLIT Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L1024GL-35SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com