Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2455IPSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F2455IPSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
Download  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455IPSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F2455IPSQTP Datasheet HTML 1Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 2Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 3Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 4Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 5Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 6Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2455IPSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 1
PIC18F2455/2550/4455/4550
Universal Serial Bus Features:
• USB V2.0 Compliant
• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• Supports up to 32 Endpoints (16 bidirectional)
• 1 Kbyte Dual Access RAM for USB
• On-Chip USB Transceiver with On-Chip Voltage
Regulator
• Interface for Off-Chip USB Transceiver
• Streaming Parallel Port (SPP) for USB streaming
transfers (40/44-pin devices only)
Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Idle mode Currents Down to 5.8
μA Typical
• Sleep mode Currents Down to 0.1
μA Typical
• Timer1 Oscillator: 1.1
μA Typical, 32 kHz, 2V
• Watchdog Timer: 2.1
μA Typical
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes, including High-Precision PLL
for USB
• Two External Clock modes, Up to 48 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies, from 31 kHz
to 8 MHz
- User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Dual Oscillator Options allow Microcontroller and
USB module to Run at Different Clock Speeds
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if any clock stops
Peripheral Highlights:
• High-Current Sink/Source: 25 mA/25 mA
• Three External Interrupts
• Four Timer modules (Timer0 to Timer3)
• Up to 2 Capture/Compare/PWM (CCP) modules:
- Capture is 16-bit, max. resolution 5.2 ns (TCY/16)
- Compare is 16-bit, max. resolution 83.3 ns (TCY)
- PWM output: PWM resolution is 1 to 10-bit
• Enhanced Capture/Compare/PWM (ECCP) module:
- Multiple output modes
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
• Enhanced USART module:
- LIN bus support
• Master Synchronous Serial Port (MSSP) module
Supporting 3-Wire SPI (all 4 modes) and I2C™
Master and Slave modes
• 10-Bit, Up to 13-Channel Analog-to-Digital Converter
(A/D) module with Programmable Acquisition Time
• Dual Analog Comparators with Input Multiplexing
Special Microcontroller Features:
• C Compiler Optimized Architecture with Optional
Extended Instruction Set
• 100,000 Erase/Write Cycle Enhanced Flash
Program Memory Typical
• 1,000,000 Erase/Write Cycle Data EEPROM
Memory Typical
• Flash/Data EEPROM Retention: > 40 Years
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 41 ms to 131s
• Programmable Code Protection
• Single-Supply 5V In-Circuit Serial
Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Optional Dedicated ICD/ICSP Port (44-pin, TQFP
package only)
• Wide Operating Voltage Range (2.0V to 5.5V)
Device
Program Memory
Data Memory
I/O
10-Bit
A/D (ch)
CCP/ECCP
(PWM)
SPP
MSSP
Timers
8/16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C™
PIC18F2455
24K
12288
2048
256
24
10
2/0
No
Y
Y
1
2
1/3
PIC18F2550
32K
16384
2048
256
24
10
2/0
No
Y
Y
1
2
1/3
PIC18F4455
24K
12288
2048
256
35
13
1/1
Yes
Y
Y
1
2
1/3
PIC18F4550
32K
16384
2048
256
35
13
1/1
Yes
Y
Y
1
2
1/3
28/40/44-Pin, High-Performance, Enhanced Flash,
USB Microcontrollers with nanoWatt Technology


Similar Part No. - PIC18F2455IPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2455IPSQTP MICROCHIP-PIC18F2455IPSQTP Datasheet
7Mb / 430P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
12/08/06
More results

Similar Description - PIC18F2455IPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
   28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18F2455-I MICROCHIP-PIC18F2455-I Datasheet
7Mb / 430P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
12/08/06
PIC18F4550-IP MICROCHIP-PIC18F4550-IP Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2009
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2455 MICROCHIP-PIC18F2455 Datasheet
95Kb / 6P
   28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2455 MICROCHIP-PIC18F2455_09 Datasheet
7Mb / 438P
   28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2450 MICROCHIP-PIC18F2450_08 Datasheet
5Mb / 324P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
5Mb / 320P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2006
PIC18F2458 MICROCHIP-PIC18F2458 Datasheet
1,020Kb / 46P
   28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com