Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L12916GL-55LLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L12916GL-55LLIT
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L12916GL-55LLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L12916GL-55LLIT Datasheet HTML 1Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 2Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 3Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 4Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 5Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 6Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 7Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 8Page - Lyontek Inc. LY62L12916GL-55LLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LY62L12916
Rev. 1.0
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 45/55/70ns
Low power consumption:
Operating current : 23/20/18mA (TYP.)
Standby current : 1
μA (TYP.) LL/SL -version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-pin 12mm x 20mm TSOP-I
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62L12916 is a 2,097,152-bit low power
CMOS static random access memory organized as
131,072 words by 16 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62L12916 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62L12916 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L12916
0 ~ 70℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
LY62L12916(E)
-20 ~ 80℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
LY62L12916(I)
-40 ~ 85℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
CE#
CE2
WE#
DECODER
128Kx16
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
OE#
LB#
UB#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 – A16
Address Inputs
DQ0 – DQ15 Data Inputs/Outputs
CE#,CE2
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground


Similar Part No. - LY62L12916GL-55LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12916GL LYONTEK-LY62L12916GL Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L12916GL-55LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L12916 LYONTEK-LY62L12916 Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com