Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L12916GL-55LLET Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY62L12916GL-55LLET
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L12916GL-55LLET Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY62L12916GL-55LLET Datasheet HTML 7Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 8Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 9Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 10Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 11Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 12Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 13Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 14Page - Lyontek Inc. LY62L12916GL-55LLET Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LY62L12916
Rev. 1.0
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP-Ⅱ Package Outline Dimension
SYMBOLS
DIMENSIONS IN MILLMETERS
DIMENSIONS IN MILS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-
-
1.20
-
-
47.2
A1
0.05
0.10
0.15
2.0
3.9
5.9
A2
0.95
1.00
1.05
37.4
39.4
41.3
b
0.30
-
0.45
11.8
-
17.7
c
0.12
-
0.21
4.7
-
8.3
D
18.212
18.415
18.618
717
725
733
E
11.506
11.760
12.014
453
463
473
E1
9.957
10.160
10.363
392
400
408
e
-
0.800
-
-
31.5
-
L
0.40
0.50
0.60
15.7
19.7
23.6
ZD
-
0.805
-
-
31.7
-
y
-
-
0.076
-
-
3
Θ
0
o
3
o
6
o
0
o
3
o
6
o


Similar Part No. - LY62L12916GL-55LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12916GL LYONTEK-LY62L12916GL Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L12916GL-55LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L12916 LYONTEK-LY62L12916 Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com