Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L25716GL-55SLET Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L25716GL-55SLET
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L25716GL-55SLET Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L25716GL-55SLET Datasheet HTML 1Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 2Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 3Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 4Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 5Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 6Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 7Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 8Page - Lyontek Inc. LY62L25716GL-55SLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LY62L25716
Rev. 2.6
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 45/55/70ns
Low power consumption:
Operating current : 40/30/20mA (TYP.)
Standby current : 2
μA (TYP.) LL-version
1
μA (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 48-pin 12mm x 20mm TSOP-I
44-pin 400mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62L25716 is a 4,194,304-bit low power
CMOS static random access memory organized as
262,144 words by 16 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62L25716 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62L25716 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L25716
0 ~ 70℃
2.7 ~ 3.6V
45/55/70ns
2µA(LL)/1µA(SL)
40/30/20mA
LY62L25716(E)
-20 ~ 80℃
2.7 ~ 3.6V
45/55/70ns
2µA(LL)/1µA(SL)
40/30/20mA
LY62L25716(I)
-40 ~ 85℃
2.7 ~ 3.6V
45/55/70ns
2µA(LL)/1µA(SL)
40/30/20mA


Similar Part No. - LY62L25716GL-55SLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25716GL-55SLET LYONTEK-LY62L25716GL-55SLET Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L25716GL-55SLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com