Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4161 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4161 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 11Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
[AK4161]
MS1450-J-02-PB
2012/12
- 7 -
DC 特性 (Logic I/O)
(特記なき場合は、Ta = -40C ~ 85C, VDD = 1.6V ~ 3.6V)
Parameter
Symbol
min
typ
max
Unit
Input Leakage Current (Note 8)
IILH
-5
-
5
uA
Tri-state Leakage Current (Note 9)
IOLK
-5
-
5
uA
Input High Voltage(Note 10)
VIH
0.7×VDD
-
-
V
Input Low Voltage(Note 10)
VIL
-
-
0.3×VDD
V
Output High Voltage (Note 11) (Note 12) Io=-10mA
VOHF
VDD-0.5
-
-
V
Output High Voltage (Note 11) (Note 13) Io=-1mA
VOH
VDD-0.3
-
-
V
Output Low Voltage (Note 11) (Note 13) Io=1mA
VOL
-
-
0.3
V
Output Low Voltage (Note 14) Io=3mA
VOLI2C
-
-
0.3
V
Note 8 RSTN pin
Note 9. AD0, SCL, SDA, GPIO0~GPIO5 pins
Note 10. GPIO0 ~ GPIO5 pins(GPIO入力に設定時 FUNCn 1-0 bits = “01”)
Note 11. GPIO0 ~ GPIO5 pins(GPIO出力に設定時 FUNCn 1-0 bits = “10”)
Note 12. フル駆動(出力ドライバ設定:DRVn 1-0 bits = “11”)
Note 13. 通常駆動(出力ドライバ設定:DRVn 1-0 bits = “00”, “01”, “10”)
Note 14. SDA pin


Similar Part No. - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com