Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L5128PL-55LLI Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY62L5128PL-55LLI
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L5128PL-55LLI Datasheet(HTML) 5 Page - Lyontek Inc.

  LY62L5128PL-55LLI Datasheet HTML 1Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 2Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 3Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 4Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 5Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 6Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 7Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 8Page - Lyontek Inc. LY62L5128PL-55LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LY62L5128
Rev. 1.12
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH,
II/O = 0mA
Other pins at VIL or VIH
- 45
-
40
50
mA
- 55
-
30
40
mA
- 70
-
20
30
mA
ICC1
Cycle time = 1µs
CE#0.2V and CE2VCC-0.2V,,
II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
4
5
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL,
other pins at VIL or VIH
-
0.3
1.25
mA
ISB1
CE#
V
CC
-0.2V
or CE2≦0.2V
Others at 0.2V or
VCC - 0.2V
LL
-
2
15
µA
LLE/LLI
-
2
20
µA
SL
*5
SLE
*5
SLI
*5
25℃
-
1
3
µA
40℃
-
1
3
µA
SL
-
1
10
µA
SLE/SLI
-
1
12
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V


Similar Part No. - LY62L5128PL-55LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128PL-55LLI LYONTEK-LY62L5128PL-55LLI Datasheet
1Mb / 22P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L5128PL-55LLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com