Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4386ET Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4386ET
Description  100dB 96kHz 24-Bit 2ch ?誇 DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4386ET Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4386ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4386ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
[AK4386]
MS0280-J-01
2008/10
- 3 -
ピン/機能
No.
Pin Name
I/O
Function
1
MCLK
I
Master Clock Input Pin
2
BICK
I
Audio Serial Data Clock Pin
3
SDTI
I
Audio Serial Data Input Pin
4
LRCK
I
Input Channel Clock Pin
5
PDN
I
Full Power Down Mode Pin
“L” : Power down,
“H” : Power up
6
DFS0
I
Sampling Speed Select 0 Pin
7
DFS1
I
Sampling Speed Select 1 Pin
8
DEM
I
De-emphasis Filter Enable Pin
“L” : OFF,
“H” : ON (De-emphasis of fs=44.1kHz is enable.)
9
DIF0
I
Audio Interface Format 0 Pin
10
ROUT
O
Rch Analog Output Pin
11
LOUT
O
Lch Analog Output Pin
12
VCOM
O
Common Voltage Output Pin, 0.55
× VDD
Normally connected to VSS with a 4.7
μF (min. 1μF, max. 10μF) electrolytic
capacitor.
13
VSS
-
Ground Pin
14
VDD
-
Power Supply Pin, 2.2
∼ 3.6V
15
DIF1
I
Audio Interface Format 1 Pin
16
TEST
I
Test Pin
This pin should be connected to VDD.
Note: All digital input pins should not be left floating.
使用しないピンの処理について
使用しない出力ピンは下記の設定を行い、適切に処理して下さい。
区分
ピン名
設定
Analog
LOUT, ROUT
オープン


Similar Part No. - AK4386ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
AK4386VT AKM-AK4386VT Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
More results

Similar Description - AK4386ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com