Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4495S Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4495S
Description  Quality-oriented Premium 32-Bit 2ch DAC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4495S Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4495S Datasheet HTML 2Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 3Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 4Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 5Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 6Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 7Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 8Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 9Page - Asahi Kasei Microsystems AK4495S Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
[AK4495S]
MS1560-J-01
2013/11
- 6 -
機能説明
No.
Pin Name
I/O
Function
1
PDN
I
Power-Down Mode Pin
When at “L”, the AK4495S is in power-down mode and is held in reset.
The AK4495S must always be reset upon power-up.
2
BICK
I
Audio Serial Data Clock Pin in PCM Mode
DCLK
I
DSD Clock Pin in DSD Mode
BCK
I
Audio Serial Data Clock Pin
3
SDATA
I
Audio Serial Data Input Pin in PCM Mode
DSDL
I
DSD Lch Data Input Pin in DSD Mode
DINL
I
Lch Audio Serial Data Input Pin
4
LRCK
I
L/R Clock Pin in PCM Mode
DSDR
I
DSD Rch Data Input Pin in DSD Mode in Serial Control Mode
DINR
I
Rch Audio Serial Data Input Pin in Serial Control Mode
5
SSLOW
I
Digital filter setting in Parallel Control Mode
WCK
I
Word Clock input pin in Serial Control Mode
6
SMUTE
I
Soft Mute Pin in Parallel Control Mode
When this pin is changed to “H”, soft mute cycle is initiated.
When returning “L”, the output mute releases.
CSN
I
Chip Select Pin in Serial Control Mode in Serial Control Mode, I2C=”L”
7
SD
I
Digital filter setting in Parallel Control Mode
CCLK
I
Control Data Clock Pin in Serial Control Mode in Serial Control Mode, I2C=”L”
SCL
I
Control Data Clock Pin in Serial Control Mode in Serial Control Mode,
I2C=”H”
8
SLOW
I
Digital filter setting in Parallel Control Mode
CDTI
I
Control Data Input Pin in Serial Control Mode in Serial Control Mode, I2C=”L”
SDA
I/O
Control Data Clock Pin in Serial Control Mode in Serial Control Mode, I2C=
“H”
9
DIF0
I
Digital Input Format 0 Pin in PCM Mode
DZFL
O
Lch Zero Input Detect Pin in Serial Control Mode
10
DIF1
I
Digital Input Format 1 Pin in PCM Mode
DZFR
O
Rch Zero Input Detect Pin in Serial Control Mode
11
DIF2
I
Digital Input Format 2 Pin in PCM Mode
CAD0
I
Chip Address 0 Pin in Serial Control Mode
(Internal pull-down pin)
12
PSN
I
Parallel or Serial Select Pin
(Internal pull-up pin)
“L”: Serial Control Mode, “H”: Parallel Control Mode
13
I2C
I
I2C mode select pin in Serial mode (Internal pull-down pin)
14
DEM0
I
De-emphasis Enable 0 Pin in Parallel Control Mode (Internal pull-up pin)
Note: All input pins except internal pull-up/down pins must not be left floating.


Similar Part No. - AK4495S

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4495S AKM-AK4495S Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
More results

Similar Description - AK4495S

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495 AKM-AK4495 Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4493 AKM-AK4493 Datasheet
2Mb / 104P
   Quality Oriented 32-Bit 2ch DAC
AK4492ECB AKM-AK4492ECB Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
AK4497 AKM-AK4497 Datasheet
1Mb / 98P
   Quality Oriented 32-Bit 2ch DAC
AK4492 AKM-AK4492 Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
AK4497EQ AKM-AK4497EQ Datasheet
1Mb / 98P
   Quality Oriented 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com