Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4616 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4616
Description  24bit 3ch/5ch Audio CODEC with Mic Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4616 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4616 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4616 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
[AK4616]
MS1437-J-01
2012/11
- 10 -
スイッチング特性
(Ta=-40
∼+85°C; A3V31, A3V32= D3V3=3.0∼ 3.6V; D1V8=1.7∼ 1.9V; CL=20pF; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Master Clock Timing
External Clock
256fs:
Pulse Width Low
Pulse Width High
384fs:
Pulse Width Low
Pulse Width High
512fs:
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
2.048
32
32
3.072
22
22
4.096
16
16
12.288
18.432
24.576
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
LRCK Timing (Slave mode)
Stereo mode
(TDM bit = “0”)
LRCK frequency
Duty Cycle
fs
Duty
8
45
48
55
kHz
%
TDM256 mode
(TDM bit = “1”)
LRCK frequency
“H” time
“L” time
fs
tLRH
tLRL
8
1/256fs
1/256fs
48
kHz
ns
ns
Audio Interface Timing (Slave mode)
Stereo mode (TDM bit = “0”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 12)
BICK “
↑” to LRCK Edge
(Note 12)
LRCK to SDTO(MSB) (Except I2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
tSDH
tSDS
324
130
130
20
20
50
50
80
80
ns
ns
ns
ns
ns
ns
ns
ns
ns
TDM256 mode
(TDM bit = “1”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 12)
BICK “
↑” to LRCK Edge
(Note 12)
SDTO Setup time BICK “
↑”
SDTO Hold time BICK “
↑”
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSS
tBSH
tSDH
tSDS
81
33
33
23
23
6
5
10
10
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note 12. この規格値はLRCKのエッジとBICKの “↑” が重ならないように規定しています。


Similar Part No. - AK4616

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611EQ AKM-AK4611EQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611VQ AKM-AK4611VQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
More results

Similar Description - AK4616

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com