Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4645A Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4645A
Description  Stereo CODEC with MIC/HP-AMP
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4645A Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4645A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 10Page - Asahi Kasei Microsystems AK4645A Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
[AK4645A]
MS0986-J-00
2008/07
- 7 -
アナログ特性
(Ta=25
°C; AVDD=DVDD=TVDD=HVDD=3.3V; AVSS=HVSS=0V; fs=44.1kHz, BICK=64fs;
Signal Frequency=1kHz; 16bit Data; Measurement frequency=20Hz
∼ 20kHz; unless otherwise specified)
Parameter
min
typ
max
Units
MIC Amplifier: LIN1/RIN1/LIN2/RIN2/LIN4/RIN4 pins & LIN3/RIN3 pins (AIN3 bit = “1”);
MDIF1=MDIF2 bits = “0” (Single-ended inputs)
MGAIN1-0 bits = “00”
40
60
80
k
Ω
Input
Resistance
MGAIN1-0 bits = “01”, “10”or “11”
20
30
40
k
Ω
MGAIN1-0 bits = “00”
-
0
-
dB
MGAIN1-0 bits = “01”
-
+20
-
dB
MGAIN1-0 bits = “10”
-
+26
-
dB
Gain
MGAIN1-0 bits = “11”
-
+32
-
dB
MIC Amplifier: IN1+/IN1
−/IN2+/IN2− pins; MDIF1 = MDIF2 bits = “1” (Full-differential input)
Input Voltage (Note 8)
MGAIN1-0 bits = “01”
-
-
0.228
Vpp
MGAIN1-0 bits = “10”
-
-
0.114
Vpp
MGAIN1-0 bits = “11”
-
-
0.057
Vpp
MIC Power Supply: MPWR pin
Output Voltage (Note 9)
2.22
2.47
2.72
V
Load Resistance
0.5
-
-
k
Ω
Load Capacitance
-
-
30
pF
ADC Analog Input Characteristics: LIN1/RIN1/LIN2/RIN2/LIN4/RIN4 pins & LIN3/RIN3 pins (AIN3 bit = “1”)
→ ADC → IVOL, IVOL=0dB, ALC=OFF
Resolution
-
-
16
Bits
(Note 11)
0.168
0.198
0.228
Vpp
Input Voltage (Note 10)
(Note 12)
1.68
1.98
2.28
Vpp
(Note 11, LIN1/RIN1/LIN2/RIN2)
71
83
-
dBFS
(Note 11, LIN3/RIN3/LIN4/RIN4)
-
83
-
dBFS
(Note 12, except for LIN3/RIN3)
-
88
-
dBFS
S/(N+D)
(
−1dBFS)
(Note 12, LIN3/RIN3)
-
72
-
dBFS
(Note 11)
76
86
-
dB
D-Range (
−60dBFS, A-weighted)
(Note 12)
-
95
-
dB
(Note 11)
76
86
-
dB
S/N (A-weighted)
(Note 12)
-
95
-
dB
(Note 11)
75
90
-
dB
Interchannel Isolation
(Note 12)
-
100
-
dB
(Note 11)
-
0.1
0.8
dB
Interchannel Gain Mismatch
(Note 12)
-
0.1
0.8
dB
Note 8. プラス入力ピンとマイナス入力ピンの差分です。ACカップリングコンデンサを各入力ピンにシリー
ズに接続して下さい。MGAIN1-0 bits = “00”のとき差動入力は使用禁止です。IN1+, IN1
−, IN2+, IN2− pin
の最大入力電圧はそれぞれAVDDに比例します。Vin = |(IN+)
− (IN−)| = 0.069 x AVDD
(max)@MGAIN1-0 bits = “01”, 0.035 x AVDD (max)@MGAIN1-0 bits = “10”, 0.017 x AVDD
(max)@MGAIN1-0 bits = “11”.
この電圧を越える信号が入力された場合、ADCの動作は保証できません。
Note 9. 出力電圧はAVDDに比例します。Vout = 0.75 x AVDD (typ)。
Note 10. 入力電圧はAVDDに比例します。Vin = 0.06 x AVDD (typ)@MGAIN1-0 bits = “01” (+20dB), Vin = 0.6 x
AVDD(typ)@MGAIN1-0 bits = “00” (0dB)
Note 11. MGAIN1-0 bits = “01” (+20dB)
Note 12. MGAIN1-0 bits = “00” (0dB)


Similar Part No. - AK4645A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
More results

Similar Description - AK4645A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com