Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4958 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4958
Description  24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4958 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4958 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4958 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
[AK4958]
MS1558-J-01-PB
2013/10
- 5 -
オーダリングガイド
AK4958EG
30  +85C
32-pin BGA (0.5mm pitch)
AK4958ECB
30  +85C
25-pin CSP (0.4mm pitch)
AKD4958EG
AK4958EG評価用ボード
AKD4958ECB
AK4958ECB評価用ボード
ピン配置
・AK4958EG
Top View
5
3
4
1
2
A
B
C
E
D
6
F
6
MPWR
ROUT
REGFIL
VCOM
VSS1
VIN
5
RIN2
BEEP
LOUT
AVDD
VOUT
VSS4
4
RIN1
/DMCLK
LIN2
SPP
SPN
3
LIN1
/DMDAT
I2C
VSS2
VSS3
2
CDTIO
/CAD0
CSN
/SDA
SDTI
MCKO
MCKI
DVDD
1
CCLK
/SCL
LRCK
BICK
SDTO
TVDD
PDN
A
B
C
D
E
F
Top View


Similar Part No. - AK4958

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4958 AKM-AK4958 Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
More results

Similar Description - AK4958

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com