Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7601AVQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK7601AVQ
Description  High Feature Digital Audio Processor with SRC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7601AVQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK7601AVQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
[AK7601A]
MS1446-J-00
2012/07
- 7 -
アナログ特性
(Ta=25
°C; AVDD=5.0V, DVDD =5.0V; VSS1=VSS2=VSS3=VSS4=0V; VREFH=AVDD, fs=44.1kHz; Signal
Frequency=1kHz; 24bit Data; Measurement Frequency=20Hz
∼20kHz; unless otherwise specified)
Parameter
min
typ
max
Unit
ADC Analog Input Characteristics (Pseudo differential inputs)
Resolution
24
Bits
-1dBFS
83
90
dB
S/(N+D)
BW=20kHz
-60dBFS
35
DR
(-60dBFS with A-weighted)
90
97
dB
S/N
(A-weighted)
90
97
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0
0.5
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.65xVREFH
3.09
3.25
3.41
Vpp
Input Resistance
AINL1, AINR1, AINL2, AINR2
22
45
k
Ω
GNDIN1, GNDIN2
22
90
k
Ω
Power Supply Rejection
(Note 8)
55
dB
Common Mode Rejection Ratio (CMRR)
(Note 9)
40
dB
ADC Analog Input Characteristics (Single-ended inputs)
Resolution
24
Bits
-1dBFS
83
90
dB
S/(N+D)
BW=20kHz
-60dBFS
35
DR
(-60dBFS with A-weighted)
90
97
dB
S/N
(A-weighted)
90
97
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0
0.5
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.65xVREFH
3.09
3.25
3.41
Vpp
Input Resistance (AINL3, AINR3, AINL4, AINR4)
22
45
k
Ω
Power Supply Rejection
(Note 8)
55
dB
ADC Analog Input Characteristics (Monaural input)
Resolution
24
Bits
-1dBFS
83
90
dB
S/(N+D)
BW=20kHz
-60dBFS
35
DR
(-60dBFS with A-weighted)
90
97
dB
S/N
(A-weighted)
90
97
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.65xVREFH
3.09
3.25
3.41
Vpp
Input Resistance
22
45
k
Ω
Power Supply Rejection
(Note 8)
55
dB
DAC Analog Output Characteristics (single outputs)
Resolution
24
Bits
0dBFS
83
90
dB
S/(N+D)
BW=20kHz
-60dBFS
39
DR
(-60dBFS with A-weighted)
93
102
dB
S/N
(A-weighted)
93
102
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
AOUT=0.65xVREFH
3.09
3.25
3.41
Vpp
Load Resistance
(AC負荷)
5
k
Ω
Load Capacitance
30
pF
Power Supply Rejection
(Note 8)
55
dB


Similar Part No. - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
More results

Similar Description - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
STMicroelectronics
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
   Multichannel digital audio processor with FFX짰
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
[Old version datasheet]   Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com