Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L5128GL-55LLE Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY62L5128GL-55LLE
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L5128GL-55LLE Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY62L5128GL-55LLE Datasheet HTML 7Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 8Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 9Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 10Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 11Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 12Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 13Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 14Page - Lyontek Inc. LY62L5128GL-55LLE Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LY62L5128
Rev. 1.12
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
32 pin 8mm x 20mm TSOP-I Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.047 (MAX)
1.20 (MAX)
A1
0.004 ±0.002
0.10 ±0.05
A2
0.039 ±0.002
1.00 ±0.05
b
0.009 ±0.002
0.22 ±0.05
c
0.006 ±0.002
0.155 ±0.055
D
0.724 ±0.008
18.40 ±0.20
E
0.315 ±0.008
8.00 ±0.20
e
0.020 (TYP)
0.50 (TYP)
HD
0.787 ±0.008
20.00 ±0.20
L
0.024 ±0.004
0.60 ±0.10
L1
0.0315 ±0.004 0.08 ±0.10
y
0.003 (MAX)
0.08 (MAX)
Θ
0
o~5o
0
o~5o


Similar Part No. - LY62L5128GL-55LLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128GL LYONTEK-LY62L5128GL Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L5128GL-55LLE

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com