Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8128A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8128A
Description  HD Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8128A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8128A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8128A Datasheet HTML 7Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
[AK8128A]
MS1054-J-03
2010/2
- 4 -
3.電気的特性
3-1)絶対最大定格
注意:この値を超えた条件で使用した場合デバイスを破壊することがあります。
また、通常の動作は保証されません。
3-2)動作条件
*各 VDD は同じの電源を使用し、各端子と VSS 間に 0.1μF 程度のコンデンサを挿入し
てください。
3-3)消費電流
VDD=3.3V,
Ta=25℃
*1 CKOUT 端子無負荷時(CKLIN=27MHz、CKOUT=74.25MHz)
記号
MIN
MAX
単位
備考
電源電圧
VDD
-0.3
4.6
V
グランド・レベル
VSS
0
0
V
入力端子電圧
VIN
VSS-0.3
VDD+0.3
V
入力電流
IIN
-10
10
mA
保存温度
Tstg
-55
130
記号
MIN
TYP
MAX
単位
備考
動作温度
Ta
-20
85
電源電圧
VDD
3.0
3.3
3.6
V
出力端子
負荷容量
Cp1
Cp2
15
10
pF
pF
74.25MHz
74.176MHz
148.5MHz
148.35MHz
記号
MIN
TYP
MAX
単位
備考
消費電流
IDD
8
12
mA
*1


Similar Part No. - AK8128A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
AK8128D AKM-AK8128D Datasheet
310Kb / 7P
   HD Clock Generator
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
More results

Similar Description - AK8128A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128D AKM-AK8128D Datasheet
310Kb / 7P
   HD Clock Generator
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com