Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L20488GL-70SLT Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY62L20488GL-70SLT
Description  2048K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L20488GL-70SLT Datasheet(HTML) 3 Page - Lyontek Inc.

  LY62L20488GL-70SLT Datasheet HTML 1Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 2Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 3Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY62L20488GL-70SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LY62L20488
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A1
A2
A3
A4
NC
NC
NC
DQ0
Vcc
Vss
A14
A19
NC
DQ6
DQ7
DQ5
Vss
Vcc
DQ4
NC
DQ1
DQ2
TSOP-II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A18
A0
NC
A20
A5
A6
A7
A10
A11
DQ3
NC
A17
A16
A15
A12
A9
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A13
CE#
WE#
A8
CE2
OE#
TFBGA
NC
A20
A3
A10
A9
A11
A0
A14
A8
A19
WE#
DQ0
DQ3
NC
A18
Vss
CE2
A13
NC
Vcc
Vcc
A15
Vss
CE#
NC
DQ7
DQ4
NC
A2
OE#
A1
A6
A5
A4
NC
123456
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
NC
DQ1
DQ2
NC
NC
DQ6
DQ5
NC


Similar Part No. - LY62L20488GL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488GL-70SLT LYONTEK-LY62L20488GL-70SLT Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L20488GL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_16 Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com