Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L6416ML-08LLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY61L6416ML-08LLIT
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L6416ML-08LLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY61L6416ML-08LLIT Datasheet HTML 1Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 2Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 3Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 4Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 5Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 6Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 7Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 8Page - Lyontek Inc. LY61L6416ML-08LLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LY61L6416
Rev. 2.0
64K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 8/10/12/15/20ns
Low power consumption:
Operating current : 115/105/95/85/70mA (TYP.)
Standby current :
0.6mA (TYP.)
100µA( (MAX. for 20ns LL version)
Single 3.3V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY61L6416 is a 1,048,576-bit low power CMOS
static random access memory organized as 65,536
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY61L6416 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY61L6416 operates from a single power
supply of 3.3V and all inputs and outputs are fully
TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY61L6416
0 ~ 70℃
3.15 ~ 3.6V
8/10ns
0.6mA(TYP.)
115/105mA
LY61L6416
0 ~ 70℃
3.0 ~ 3.6V
12/15/20ns
0.6mA(TYP.)
95/85/70mA
LY61L6416(LL)
0 ~ 70℃
3.0 ~ 3.6V
20ns
100µA(MAX.)
70mA
LY61L6416(E)
-20 ~ 80℃
3.15 ~ 3.6V
8/10ns
0.6mA(TYP.)
115/105mA
LY61L6416(E)
-20 ~ 80℃
3.0 ~ 3.6V
12/15/20ns
0.6mA(TYP.)
95/85/70mA
LY61L6416(LLE)
-20 ~ 80℃
3.0 ~ 3.6V
20ns
100µA(MAX.)
70mA
LY61L6416(I)
-40 ~ 85℃
3.15 ~ 3.6V
8/10ns
0.6mA(TYP.)
115/105mA
LY61L6416(I)
-40 ~ 85℃
3.0 ~ 3.6V
12/15/20ns
0.6mA(TYP.)
95/85/70mA
LY61L6416(LLI)
-40 ~ 85℃
3.0 ~ 3.6V
20ns
100µA(MAX.)
70mA


Similar Part No. - LY61L6416ML-08LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L6416ML LYONTEK-LY61L6416ML Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L6416ML-08LLIT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com