Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L20488AGL-70SLT Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY62L20488AGL-70SLT
Description  2048K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L20488AGL-70SLT Datasheet(HTML) 3 Page - Lyontek Inc.

  LY62L20488AGL-70SLT Datasheet HTML 1Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 2Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 3Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY62L20488AGL-70SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LY62L20488A
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
44-pin TSOP(Type II)
48-ball 8mmx10mm TFBGA
TFBGA
NC
A20
A3
A10
A9
A11
A0
A14
A8
A19
WE#
DQ0
DQ3
NC
A18
Vss
CE2
A13
NC
Vcc
Vcc
A15
Vss
CE#
NC
DQ7
DQ4
NC
A2
OE#
A1
A6
A5
A4
NC
12
345
6
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
NC
DQ1
DQ2
NC
NC
DQ6
DQ5
NC


Similar Part No. - LY62L20488AGL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488AML-55SL LYONTEK-LY62L20488AML-55SL Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AML-55SLI LYONTEK-LY62L20488AML-55SLI Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AML-55SLIT LYONTEK-LY62L20488AML-55SLIT Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AML-55SLT LYONTEK-LY62L20488AML-55SLT Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AML-70SL LYONTEK-LY62L20488AML-70SL Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L20488AGL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488_1008 LYONTEK-LY62L20488_1008 Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_16 Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com