Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L6416ML-12LLET Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY61L6416ML-12LLET
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L6416ML-12LLET Datasheet(HTML) 1 Page - Lyontek Inc.

  LY61L6416ML-12LLET Datasheet HTML 1Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 2Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 3Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 4Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 5Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 6Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 7Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 8Page - Lyontek Inc. LY61L6416ML-12LLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LY61L6416
Rev. 2.0
64K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.25.2004
Rev. 1.1
Deleted Icc1 Spec.
Revised Truth Table
Sep.21.2004
Rev. 1.2
Deleted Data Retention Waveform(2)(UB & LB controlled)
Jun.20.2005
Rev. 1.3
Revised the typo in Page 1
Feb.13.2006
Rev. 1.4
Added PKG Type : 48-ball 6mm x 8mm TFBGA
Jun.13.2007
Revised Test Condition of ISB1/IDR
Rev. 1.5
Added I Grade Spec.
Revised VTERM to VT1 and VT2
Feb.4.2008
Rev. 1.6
Added -20ns Spec.
Mar.31.2008
Rev. 1.7
Rev. 1.8
Added LL Spec.
Revised Test Condition of ISB
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package
available
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Added packing type in
ORDERING INFORMATION
Aug.7.2008
Apr.17.2009
Rev. 1.9
Rev. 2.0
Revised
PACKAGE OUTLINE DIMENSION in page 11
Revised
ORDERING INFORMATION in page 12
May.6.2010
Aug.25.2010


Similar Part No. - LY61L6416ML-12LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L6416ML LYONTEK-LY61L6416ML Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L6416ML-12LLET

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com