Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L12916ML-55SLT Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY62L12916ML-55SLT
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L12916ML-55SLT Datasheet(HTML) 1 Page - Lyontek Inc.

  LY62L12916ML-55SLT Datasheet HTML 1Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 2Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 3Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 4Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 5Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 6Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 7Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 8Page - Lyontek Inc. LY62L12916ML-55SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LY62L12916
Rev. 1.0
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 0.1
Initial Issue
May.20.2005
Rev. 0.2
Rev. 0.3
Revised Package Outline Dimension(TSOP-II)
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package
available
Added packing type in
ORDERING INFORMATION
Revised VTERM to VT1 and VT2
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Revised Test Condition of ISB1/IDR
Apr.12.2007
Apr.17.2009
Rev. 0.4
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Added SL grade
Deleted L grade
Jun.15.2009
Rev. 0.5
Rev. 0.6
Rev. 1.0
Revised
PACKAGE OUTLINE DIMENSION in page 12
Revised
ORDERING INFORMATION in page 13
Revised Notes item 1 and 2 in page 4
1. VIH(max) = VCC + 2.0V for pulse width less than 6ns.
2. VIL(min) = VSS - 2.0V for pulse width less than 6ns.
Revised
ORDERING INFORMATION
May.6.2010
Aug.30.2010
Aug.29.2013


Similar Part No. - LY62L12916ML-55SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12916ML LYONTEK-LY62L12916ML Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L12916ML-55SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L12916 LYONTEK-LY62L12916 Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com