Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L10248ML-55LLT Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY62L10248ML-55LLT
Description  1024K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L10248ML-55LLT Datasheet(HTML) 5 Page - Lyontek Inc.

  LY62L10248ML-55LLT Datasheet HTML 1Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 2Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 3Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 4Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 5Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 6Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 7Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 8Page - Lyontek Inc. LY62L10248ML-55LLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY62L10248
Rev. 1.2
1024K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH
II/O = 0mA
Other pins at VIL or VIH
- 55
-
30
40
mA
- 70
-
20
30
mA
ICC1
Cycle time = 1µs
CE#0.2V and CE2VCC-0.2V
II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
4
8
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL
Other pins at VIL or VIH
-
0.15
1
mA
ISB1
CE# ≧VCC-0.2V
or CE2≦0.2V
Other pins at 0.2V
or VCC-0.2V
LL
-
5
30
µA
LLI
-
5
50
µA
SL
*5
SLI
*5
25℃
-
1.5
5
µA
40℃
-
1.5
5
µA
SL
-
1.5
15
µA
SLI
-
1.5
20
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V
CAPACITANCE (TA = 25℃, f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA


Similar Part No. - LY62L10248ML-55LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L10248ML-55LLT LYONTEK-LY62L10248ML-55LLT Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L10248ML-55LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L10248 LYONTEK-LY62L10248 Datasheet
192Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248 Datasheet
191Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_11 Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248_13 Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_16 Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_16 Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8008-55ZIN ALSC-AS6C8008-55ZIN Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com