Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP55N06 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTP55N06
Description  TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP55N06 Datasheet(HTML) 4 Page - Motorola, Inc

  MTP55N06 Datasheet HTML 1Page - Motorola, Inc MTP55N06 Datasheet HTML 2Page - Motorola, Inc MTP55N06 Datasheet HTML 3Page - Motorola, Inc MTP55N06 Datasheet HTML 4Page - Motorola, Inc MTP55N06 Datasheet HTML 5Page - Motorola, Inc MTP55N06 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MTP55N06Z
4
Motorola TMOS Power MOSFET Transistor Device Data
Figure 7. Capacitance Variation
Figure 8. Gate–to–Source and
Drain–to–Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
Figure 10. Diode Forward Voltage versus
Current
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
10
25
–10
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
4000
3200
1600
2400
QG, TOTAL GATE CHARGE (nC)
24
40
0
8.0
4.0
2.0
0
100
1.0
RG, GATE RESISTANCE (OHMS)
1000
100
10
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
0.54
0.5
30
20
10
0
0.58
1.0
10
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
100
10
1.0
0.1
TJ, STARTING JUNCTION TEMPERATURE (°C)
50
25
500
400
300
100
0
125
800
0
–5.0
0
5.0
15
20
28
32
4.0
8.0
12
16
20
6.0
10
12
10
0.62 0.66 0.70 0.74
0.94
100
75
100
150
200
36
TJ = 25°C
ID = 30 A
VDD = 30 V
VGS = 10 V
0.78 0.82 0.86 0.90
TJ = 25°C
VGS = 0 V
ID = 30 A
TJ = 25°C
Ciss
Coss
Crss
Ciss
Crss
VDS = 0 V VGS = 0 V
VGS
VDS
32
16
8.0
0
24
40
48
TJ = 25°C
ID = 30 A
VDS
VGS
QT
Q3
Q2
Q1
td(on)
VGS = 20 V
SINGLE PULSE
TC = 25°C
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LMIT
100
ms
10
ms
1.0 ms
10 ms
dc
td(off)
tr
tf


Similar Part No. - MTP55N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP55N06Z ISC-MTP55N06Z Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP55N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
   TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com