Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR152E104DAA Datasheet(PDF) 8 Page - AVX Corporation

Part # SR152E104DAA
Description  Radial Leads/SkyCap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR152E104DAA Datasheet(HTML) 8 Page - AVX Corporation

  SR152E104DAA Datasheet HTML 1Page - AVX Corporation SR152E104DAA Datasheet HTML 2Page - AVX Corporation SR152E104DAA Datasheet HTML 3Page - AVX Corporation SR152E104DAA Datasheet HTML 4Page - AVX Corporation SR152E104DAA Datasheet HTML 5Page - AVX Corporation SR152E104DAA Datasheet HTML 6Page - AVX Corporation SR152E104DAA Datasheet HTML 7Page - AVX Corporation SR152E104DAA Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
30
Radial Leads/Packaging
REEL DIRECTION
Leads on top of
carrier strip,
body away
Unreel from
LEFT to RIGHT
OVER TOP of reel
QUANTITY PER REE
L SR/AR
PART
PCS
SR15, 07, 12
3500
SR20, 21, 23, 28
13, 29, 59, 62, 89
3000
SR30, 32, 40, 63, 64
65, 75
2000
MR05, 06
2500
G
A
D
F
E
C
B
DESCRIPTION
A – Reel Diameter
B – Reel Outside Width
C – Reel Inside Width
D – Core Diameter (O.D.)
E – Hub Recess Diameter
F – Hub Recess Depth
G – Arbor Hole Diameter
DIMENSIONS (MM)
304.80 - 355
50.80 maximum
38.10 - 46.02
102.01 maximum
86.36 maximum
9.50 minimum
25.40 - 30.48
CONVERSION TABLE
MM
IN
MM
IN
MM
IN
MM
IN
MM
IN
.10
.20
.38
.41
.51
.71
.79
.99
1.02
1.42
.004
.007
.015
.016
.020
.028
.031
.039
.040
.056
1.52
2.00
2.54
3.00
3.18
3.48
3.81
3.99
4.45
4.98
.060
.079
.100
.118
.125
.137
.150
.157
.175
.196
5.00
5.08
6.22
6.35
6.60
6.99
7.62
8.89
9.02
9.50
.197
.200
.245
.250
.260
.275
.300
.350
.355
.374
9.91
10.03
10.16
11.68
12.50
12.70
16.00
18.01
25.40
30.48
.390
.395
.400
.460
.492
.500
.630
.709
1.000
1.200
32.00
38.10
46.02
50.80
86.36
88.90
102.01
254.00
304.80
355.00
1.260
1.500
1.812
2.000
3.400
3.500
4.016
10.000
12.000
14.000


Similar Part No. - SR152E104DAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR152E104DAR AVX-SR152E104DAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR152E104DARAP1 AVX-SR152E104DARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR152E104DARAP1 AVX-SR152E104DARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR152E104DART AVX-SR152E104DART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR152E104DART AVX-SR152E104DART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR152E104DAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR151C222KARTR2 AVX-SR151C222KARTR2 Datasheet
172Kb / 5P
   Radial Leads/SkyCap/AR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com