Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1288RL-15ET Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY61L1288RL-15ET
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1288RL-15ET Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY61L1288RL-15ET Datasheet HTML 4Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 5Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 6Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 7Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 8Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 9Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 10Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 11Page - Lyontek Inc. LY61L1288RL-15ET Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LY61L1288
Rev. 1.5
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
PACKAGE OUTLINE DIMENSION
32 pin 8mm x 13.4mm STSOP Package Outline Dimension
1
16
17
32
cL
HD
D
"A"
12° (2x)
12° (2x)
Seating Plane
y
32
17
16
1
L
0
GAUGE PLANE
12° (2X)
12° (2X)
SEATING PLANE
"A" DATAIL VIEW
L1
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.049 (MAX)
1.25 (MAX)
A1
0.004 ±0.002
0.10 ±0.05
A2
0.039 ±0.002
1.00 ±0.05
b
0.009 ±0.002
0.22 ±0.05
c
0.006 ±0.002
0.155 ±0.055
D
0.465 ±0.008
11.80 ±0.20
E
0.315 ±0.008
8.00 ±0.20
e
0.020 (TYP)
0.50 (TYP)
HD
0.528±0.008
13.40 ±0.20.
L
0.02 ±0.008
0.50 ±0.20
L1
0.031 ±0.005
0.8 ±0.125
y
0.003 (MAX)
0.076 (MAX)
Θ
0
o~5o
0
o~5o


Similar Part No. - LY61L1288RL-15ET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288RL LYONTEK-LY61L1288RL Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1288RL-15ET

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com