Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L10248AGL-8I Datasheet(PDF) 7 Page - Lyontek Inc.

Part # LY61L10248AGL-8I
Description  1M X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L10248AGL-8I Datasheet(HTML) 7 Page - Lyontek Inc.

Back Button LY61L10248AGL-8I Datasheet HTML 3Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 4Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 5Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 6Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 7Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 8Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 9Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 10Page - Lyontek Inc. LY61L10248AGL-8I Datasheet HTML 11Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LY61L10248A
Rev. 1.3
1M X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. 9, Science-Based Industrial Park, Hsinchu County 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
READ CYCLE 1 (Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
tACE
CE#
tAA
Address
tRC
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low.
3.Address must be valid prior to or coincident with CE# = low,; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - LY61L10248AGL-8I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L10248AGL-8I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
logo
Samsung semiconductor
KM611001 SAMSUNG-KM611001 Datasheet
95Kb / 8P
   1M x 1Bit High-Speed CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com