Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1288WL-08ET Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY61L1288WL-08ET
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1288WL-08ET Datasheet(HTML) 4 Page - Lyontek Inc.

  LY61L1288WL-08ET Datasheet HTML 1Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 2Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 3Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 4Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 5Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 6Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 7Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 8Page - Lyontek Inc. LY61L1288WL-08ET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LY61L1288
Rev. 1.5
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-20 to 80(E grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
High-Z
ICC
Read
L
L
H
DOUT
ICC
Write
L
X
L
DIN
ICC
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
-8/-10
3.15
3.3
3.6
V
-12/-15
3.0
3.3
3.6
V
Input High Voltage
VIH
*1
2.0
-
VCC+0.5
V
Input Low Voltage
VIL
*2
- 0.3
-
0.8
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -4mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 8mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
Other pins at VIH or VIL
-8
-
80
150
mA
-10
-
75
120
mA
-12
-
70
100
mA
-15
-
65
90
mA
Standby Power
Supply Current
ISB
CE# = VIH, others at VIH or VIL
-3
10
mA
ISB1
CE#
V
CC
- 0.2V,
Other pins at 0.2V or VCC-0.2V
-
0.6
3
*5
mA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
5. 1mA for special request


Similar Part No. - LY61L1288WL-08ET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288E LYONTEK-LY61L1288E Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288I LYONTEK-LY61L1288I Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288RL LYONTEK-LY61L1288RL Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288RV LYONTEK-LY61L1288RV Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1288WL-08ET

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com