Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA028P1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA028P1-00
Description  27-29 GHz GaAs MMIC Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA028P1-00 Datasheet(HTML) 2 Page - Alpha Industries

  AA028P1-00 Datasheet HTML 1Page - Alpha Industries AA028P1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27–29 GHz GaAs MMIC Power Amplifier
AA028P1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 12/99A
-40
-30
-20
-10
0
10
20
26
28
30
32
S11
S12
S21
S22
Frequency (GHz)
Typical Small Signal Performance
S-Parameters (VDS = 6 V)
27
29
31
Frequency (GHz)
Output Characteristics as a Function of
Frequency and Input Drive Level
(VDS = 6 V)
10
27
28
29
30
31
32
12
14
16
18
20
22
24
26
14
PIN
10
8
6
4
12
Typical Performance Data
RF IN
RF OUT
6 V
.01
µF
.01
µF
50 pF
50 pF
50 pF
50 pF
6 V
Bias Arrangement
Detail A
VDS
VDS
RF IN
RF OUT
VDS
VDS
SEE
DETAIL A
Circuit Schematic
For biasing on, adjust VDS from zero to the desired value
(6 V recommended). For biasing off, reverse the biasing on procedure.


Similar Part No. - AA028P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
AA028P2-99 ALPHA-AA028P2-99 Datasheet
490Kb / 4P
   25-31 GHz Amplifier
AA028P2-A2 ALPHA-AA028P2-A2 Datasheet
546Kb / 4P
   25-31 GHz Surface Mount Amplifier
AA028P3-00 ALPHA-AA028P3-00 Datasheet
98Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
More results

Similar Description - AA028P1-00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Alpha Industries
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
   25-29 GHz GaAs MMIC Driver Amplifier
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
AA028P3-00 ALPHA-AA028P3-00 Datasheet
98Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC-APH462 HITTITE-HMC-APH462_09 Datasheet
235Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
   GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com