Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSC107K004S0100 Datasheet(PDF) 11 Page - AVX Corporation

Part # TPSC107K004S0100
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K004S0100 Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPSC107K004S0100 Datasheet HTML 3Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 4Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 5Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 6Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 7Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 8Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 9Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 10Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
56
I SEPTEMBER 2013
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSY106*035#0250
Y
10
35
3.5
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSC156*035#0350
C
15
35
5.3
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSC156*035#0450
C
15
35
5.3
6
450
1
0.494
0.445
0.198
0.222
0.200
0.089
TPSD156*035#0100
D
15
35
5.3
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*035#0300
D
15
35
5.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSY156*035#0250
Y
15
35
5.3
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSD226*035#0125
D
22
35
7.7
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD226*035#0200
D
22
35
7.7
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*035#0300
D
22
35
7.7
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD226*035#0400
D
22
35
7.7
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSE226*035#0125
E
22
35
7.7
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE226*035#0200
E
22
35
7.7
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE226*035#0300
E
22
35
7.7
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSY226*035#0200
Y
22
35
7.7
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD336*035#0200
D
33
35
11.6
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*035#0300
D
33
35
11.6
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*035#0100
E
33
35
11.6
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*035#0250
E
33
35
11.6
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE336*035#0300
E
33
35
11.6
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSV336*035#0200
V
33
35
11.6
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSE476*035#0200
E
47
35
16.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*035#0250
E
47
35
16.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV476*035#0150
V
47
35
16.5
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV476*035#0200
V
47
35
16.5
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV686*035#0150
V
68
35
23.8
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686*035#0200
V
68
35
23.8
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
50 Volt @ 85ºC (33 Volt @ 125ºC)
TPSA154*050#9000
A
0.15
50
0.5
4
9000
1
0.091
0.082
0.037
0.822
0.739
0.329
TPSA224*050#7000
A
0.22
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA334*050#7000
A
0.33
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA474*050#6500
A
0.47
50
0.5
4
6500
1
0.107
0.097
0.043
0.698
0.628
0.279
TPSB474*050#6000
B
0.47
50
0.5
4
6000
1
0.119
0.107
0.048
0.714
0.643
0.286
TPSC474*050#2300
C
0.47
50
0.5
4
2300
1
0.219
0.197
0.087
0.503
0.453
0.201
TPSB684*050#4000
B
0.68
50
0.5
4
4000
1
0.146
0.131
0.058
0.583
0.525
0.233
TPSB105*050#3000
B
1
50
0.5
6
3000
1
0.168
0.151
0.067
0.505
0.454
0.202
TPSC105*050#2500
C
1
50
0.5
4
2500
1
0.210
0.189
0.084
0.524
0.472
0.210
TPSC155*050#1500
C
1.5
50
0.8
6
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSC155*050#2000
C
1.5
50
0.8
6
2000
1
0.235
0.211
0.094
0.469
0.422
0.188
TPSC225*050#1500
C
2.2
50
1.1
8
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSD225*050#1200
D
2.2
50
1.1
6
1200
1
0.354
0.318
0.141
0.424
0.382
0.170
TPSC335*050#1000
C
3.3
50
1.6
6
1000
1
0.332
0.298
0.133
0.332
0.298
0.133
TPSD335*050#0800
D
3.3
50
1.7
6
800
1
0.433
0.390
0.173
0.346
0.312
0.139
TPSC475*050#0800
C
4.7
50
2.4
6
800
1
0.371
0.334
0.148
0.297
0.267
0.119
TPSD475*050#0300
D
4.7
50
2.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD475*050#0500
D
4.7
50
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD475*050#0700
D
4.7
50
2.4
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSD685*050#0200
D
6.8
50
3.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD685*050#0300
D
6.8
50
3.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD685*050#0500
D
6.8
50
3.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD685*050#0600
D
6.8
50
3.4
6
600
1
0.500
0.450
0.200
0.300
0.270
0.120
TPSD106*050#0500
D
10
50
5
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSE106*050#0250
E
10
50
5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE106*050#0300
E
10
50
5
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSE106*050#0400
E
10
50
5
6
400
1
1)
0.642
0.578
0.257
0.257
0.231
0.103
TPSE106*050#0500
E
10
50
5
6
500
1
1)
0.574
0.517
0.230
0.287
0.259
0.115
TPSE156*050#0250
E
15
50
7.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV156*050#0250
V
15
50
7.5
6
250
1
1)
1.000
0.900
0.400
0.250
0.225
0.100
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TPSC107K004S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107K004S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com