Electronic Components Datasheet Search |
|
OR2C15A-6PS352 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
OR2C15A-6PS352 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 192 page Lucent Technologies Inc. 11 Data Sheet June 1999 ORCA Series 2 FPGAs Programmable Logic Cells (continued) The second submode is the counter submode (see Figure 10). The present count is supplied to input A[3:0], and then output F[3:0] will either be incre- mented by one for an up counter or decremented by one for a down counter. If an up counter or down counter is needed, the control signal to select the direc- tion (up or down) is input on A4. Generally, the latches/ FFs in the same PFU are used to hold the present count value. 5-4643(F).r1 Figure 10. Counter Submode with Flip-Flops In the third submode, multiplier submode, a single PFU can affect a 4 x 1-bit multiply and sum with a par- tial product (see Figure 11). The multiplier bit is input at A4, and the multiplicand bits are input at B[3:0], where B3 is the most significant bit (MSB). A[3:0] contains the partial product (or other input to be summed) from a previous stage. If A4 is logical 1, the multiplicand is added to the partial product. If A4 is logical zero, zero is added to the partial product, which is the same as passing the partial product. CIN can hold the carry-in from the less significant PFUs if the multiplicand is wider than 4 bits, and COUT holds any carry-out from the addition, which may then be used as part of the product or routed to another PFU in multiplier mode for multiplicand width expansion. Figure 11. Multiplier Submode Ripple mode’s fourth submode features equality comparators, where one 4-bit bus is input on B[3:0], another 4-bit bus is input on B[3:0], and the carry-in is tied to 0 inside the PFU. The carry-out (¦) signal will be 0 if A = B or will be 1 if A ¦ B. If larger than 4 bits, the carry-out (¦) signal can be cascaded using fast-carry logic to the carry-in of any adjacent PFU. Comparators for greater than or equal or less than (>, =, <) continue to be supported using the ripple mode subtractor. The use of this submode could be shown using Figure 9 with CIN tied to 0. DQ COUT LUT A3 QLUT3 F3 Q3 COUT DQ A2 QLUT2 F2 Q2 DQ A1 QLUT1 F1 Q1 DQ A0 QLUT0 F0 Q0 CIN CIN + 10 A3 B3 0 A4 COUT F3 + A2 B2 F2 + A1 B1 F1 + A0 B0 F0 CIN 10 0 10 0 10 0 5-4620(F) |
Similar Part No. - OR2C15A-6PS352 |
|
Similar Description - OR2C15A-6PS352 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |