Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP13NM60ND Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP13NM60ND
Description  N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13NM60ND Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP13NM60ND Datasheet HTML 7Page - STMicroelectronics STP13NM60ND Datasheet HTML 8Page - STMicroelectronics STP13NM60ND Datasheet HTML 9Page - STMicroelectronics STP13NM60ND Datasheet HTML 10Page - STMicroelectronics STP13NM60ND Datasheet HTML 11Page - STMicroelectronics STP13NM60ND Datasheet HTML 12Page - STMicroelectronics STP13NM60ND Datasheet HTML 13Page - STMicroelectronics STP13NM60ND Datasheet HTML 14Page - STMicroelectronics STP13NM60ND Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID024645 Rev 1
11/21
STD13NM60ND, STF13NM60ND, STP13NM60ND
Package mechanical data
Table 9. DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2


Similar Part No. - STP13NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP13NM60ND ISC-STP13NM60ND Datasheet
327Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STP13NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB18NM60ND STMICROELECTRONICS-STB18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
   N-channel 500 V, 0.29 廓, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
   N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STF8NM60ND STMICROELECTRONICS-STF8NM60ND Datasheet
727Kb / 17P
   N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
February 2009 Rev 1
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STW34NM60ND STMICROELECTRONICS-STW34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com