Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA022N1-A2 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA022N1-A2
Description  20-24 GHz Surface Mount Low Noise Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA022N1-A2 Datasheet(HTML) 1 Page - Alpha Industries

  AA022N1-A2 Datasheet HTML 1Page - Alpha Industries AA022N1-A2 Datasheet HTML 2Page - Alpha Industries AA022N1-A2 Datasheet HTML 3Page - Alpha Industries AA022N1-A2 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 7/00A
20–24 GHz Surface Mount
Low Noise Amplifier
Features
I Surface Mount Package
I 3.2 dB Noise Figure
I 17 dB Gain
I +8 dBm Output Power
I Single Voltage Operation
I 100% RF and DC Testing
AA022N1-A2
Patent Pending
Description
The AA022N1-A2 is a broadband millimeterwave low
noise amplifier in a rugged surface mount package which
is compatible with high-volume solder installation. The
amplifier is designed for use in millimeterwave
communication and sensor systems as the receiver front-
end or as a gain stage when high gain and low noise figure
are required. The robust ceramic surface mount package
provides excellent electrical performance and a high
degree of environmental protection for long-term reliability.
A single supply voltage simplifies bias requirements. All
amplifiers are screened at the operating frequencies prior
to shipment for guaranteed performance. Amplifier is
targeted for high-volume millimeterwave applications such
as point-to-point and point-to-multipoint wireless
communications systems.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Bandwidth
BW
20
19–25
24
GHz
Small Signal Gain
G15
17
dB
Noise Figure
NF
3.2
4.0
dB
Input Return Loss
RLI
9dB
Output Return Loss
RLO
12
dB
Output Power at 1 dB Gain Compression
P1 dB
5
8
dBm
Temperature Coefficient of Gain
dG/dT
-0.016
dB/C
Electrical Specifications at 25°C (VD1 = VD2 = 5.5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Drain Current 1
ID1
15
mA
Drain Current 2
ID2
23
mA
Total Drain Current
ID1 + ID2
38
50
mA
DC
RF
Pin Out
AA022N1-A2
YYWW
RF In
RF Out
Orientation
Indicated by
Missing
Castellations
VD1
N/C
N/C
VD2
N/C
N/C


Similar Part No. - AA022N1-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
   20-24 GHz Low Noise Amplifier
More results

Similar Description - AA022N1-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
   20-24 GHz Low Noise Amplifier
AA028N1-A2 ALPHA-AA028N1-A2 Datasheet
532Kb / 4P
   24-30 GHz Surface Mount Low Noise Amplifier
logo
Marki Microwave
APM-7099SM MARKIMICROWAVE-APM-7099SM Datasheet
1Mb / 13P
   0.01-20 GHz Surface Mount Low Phase Noise Amplifier
logo
Alpha Industries
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
   26-40 GHz Surface Mount Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com