Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB20H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGB20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGB20H60DF Datasheet HTML 4Page - STMicroelectronics STGB20H60DF Datasheet HTML 5Page - STMicroelectronics STGB20H60DF Datasheet HTML 6Page - STMicroelectronics STGB20H60DF Datasheet HTML 7Page - STMicroelectronics STGB20H60DF Datasheet HTML 8Page - STMicroelectronics STGB20H60DF Datasheet HTML 9Page - STMicroelectronics STGB20H60DF Datasheet HTML 10Page - STMicroelectronics STGB20H60DF Datasheet HTML 11Page - STMicroelectronics STGB20H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STGB20H60DF, STGF20H60DF, STGP20H60DF
8/22
DocID023740 Rev 4
Figure 6. Collector current vs. case temperature
for D²PAK and TO-220
Figure 7. Collector current vs. case temperature
for TO-220FP
Figure 8. Collector current vs. frequency for
D²PAK and TO-220
Figure 9. Collector current vs. frequency for
TO-220FP
Figure 10. Power dissipation vs. case
temperature for D²PAK and TO-220
Figure 11. Power dissipation vs. case
temperature for TO-220FP
IC
24
16
8
0
050
TC(°C)
100
(A)
25
75
32
40
125
AM16282v1
IC
12
8
4
0
050
TC(°C)
125
(A)
25
75
16
20
100
AM162821v1
IC
30
20
10
1
f(kHz)
(A)
Tc= 80°C
Rectangular current shape
(duty cycle= 0.5, VCC= 400 V
Rg = 10
Ω, VGE= 0/15V, TJ= 175°C
10
40
Tc= 100°C
50
60
AM162981V1
IC
8
4
0
1
f(kHz)
(A)
Tc= 80°C
Rectangular current shape
(duty cycle= 0.5, VCC= 400 V
Rg = 10
Ω, VGE= 0/15V, TJ= 175°C
10
12
Tc= 100°C
16
20
AM162982V1
Ptot
120
80
40
0
050
TC(°C)
125
(W)
25
75
160
100
150
AM16281V1
Ptot
24
16
8
0
050
TC(°C)
125
(W)
25
75
32
100
AM16284V1


Similar Part No. - STGB20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
   Low saturation voltage
June 2014 Rev 5
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB20NB32LZ STMICROELECTRONICS-STGB20NB32LZ Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB32LZ-1 STMICROELECTRONICS-STGB20NB32LZ-1 Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB32LZT4 STMICROELECTRONICS-STGB20NB32LZT4 Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
More results

Similar Description - STGB20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com