Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA022N1-65 Datasheet(PDF) 4 Page - Alpha Industries

Part # AA022N1-65
Description  20-24 GHz Low Noise Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA022N1-65 Datasheet(HTML) 4 Page - Alpha Industries

  AA022N1-65 Datasheet HTML 1Page - Alpha Industries AA022N1-65 Datasheet HTML 2Page - Alpha Industries AA022N1-65 Datasheet HTML 3Page - Alpha Industries AA022N1-65 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20–24 GHz Low Noise Amplifier
AA022N1-65
4
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
Leaded Millimeterwave Package
Handling and Mounting
The leaded millimeterwave package requires careful
mounting design to maintain optimal performance.
Handling
The leaded millimeterwave package is extremely rugged.
Care should be exercised when handling with metal tools.
Only personnel trained in both ESD precautions and
handling precautions should be allowed to handle these
packages.
Package Construction
The construction of the leaded millimeterwave package
consists of a metal base and ceramic walls. The
package is topped by a solder-sealed metal lid. All metal
parts are gold-plated.
Mounting Design
The leaded millimeterwave package is mounted by placing
it in a hole cut in a printed circuit board. The bottom of the
package leads should be in the same plane as the top
surface of the printed circuit board traces. The hole should
be cut as close as possible to the outer dimensions of the
package to minimize the gap between package and
printed circuit board. The gap should be no more than
0.005" (0.127 mm). The base of the package should be
mounted directly to a surface that provides a good ground
plane for the printed circuit board and provides a good
thermal ground.
Mounting the Package
The leaded millimeterwave package should be attached
to its mounting surface using a silver-filled conductive
paste epoxy or solder. Care should be taken to ensure that
there are no voids or gaps in the epoxy or solder underfill
so that a good ground contact is maintained.
Screw hardware attachment should be used in addition
to epoxy or solder in situations where additional
mechanical integrity is desired. Care should be exercised
when tightening screws because over-tightening could
deform the package base.
Connecting the Package
Connection of the package leads to the printed circuit
board traces is accomplished with solder. Attached leads
should lie flat upon the printed circuits board traces.
Package leads can be trimmed if desired.
Leaded Millimeterwave Package Mounting
Printed Circuit Board
Rogers 4003
0.008" (0.20 mm) Thick
Electrically & Thermally
Conductive Ground Plane
Minimize RF
Gap Widths
Soldered Leads
RF In
RF Out
DC Connection
0–80 Screw


Similar Part No. - AA022N1-65

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-A2 ALPHA-AA022N1-A2 Datasheet
548Kb / 4P
   20-24 GHz Surface Mount Low Noise Amplifier
More results

Similar Description - AA022N1-65

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-A2 ALPHA-AA022N1-A2 Datasheet
548Kb / 4P
   20-24 GHz Surface Mount Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8310-SCC TRIQUINT-TGA8310-SCC_15 Datasheet
404Kb / 14P
   2 - 20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com