Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4030BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4030BT
Description  Quad 2-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4030BT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4030BT Datasheet HTML 1Page - NXP Semiconductors HEF4030BT Datasheet HTML 2Page - NXP Semiconductors HEF4030BT Datasheet HTML 3Page - NXP Semiconductors HEF4030BT Datasheet HTML 4Page - NXP Semiconductors HEF4030BT Datasheet HTML 5Page - NXP Semiconductors HEF4030BT Datasheet HTML 6Page - NXP Semiconductors HEF4030BT Datasheet HTML 7Page - NXP Semiconductors HEF4030BT Datasheet HTML 8Page - NXP Semiconductors HEF4030BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HEF4030B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 13 November 2013
4 of 12
NXP Semiconductors
HEF4030B
Quad 2-input EXCLUSIVE-OR gate
9.
Static characteristics
Table 6.
Static characteristics
VSS = 0 V; VI =VSS or VDD; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = +25 C Tamb = +85 C Tamb = +125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
I
O < 1 A
5 V
3.5
-
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-7.0
-7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
I
O < 1 A
5 V
-
1.5
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level
output voltage
I
O < 1 A
5 V
4.95
-
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level
output voltage
I
O < 1 A
5 V
-
0.05
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level
output current
VO = 2.5 V
5 V
-
1.7
-
1.4
-
1.1
-
1.1
mA
VO = 4.6 V
5 V
-
0.64
-
0.5
-
0.36
-
0.36
mA
VO = 9.5 V
10 V
-
1.6
-
1.3
-
0.9
-
0.9
mA
VO = 13.5 V
15 V
-
4.2
-
3.4
-
2.4
-
2.4
mA
IOL
LOW-level
output current
VO = 0.4 V
5 V
0.64
-
0.5
-
0.36
-
0.36
-
mA
VO = 0.5 V
10 V
1.6
-
1.3
-
0.9
-
0.9
-
mA
VO = 1.5 V
15 V
4.2
-
3.4
-
2.4
-
2.4
-
mA
II
input leakage
current
15 V
-
0.1
-
0.1
-
1.0
-
1.0
A
IDD
supply current
all valid input
combinations;
IO =0A
5 V
-
0.25
-
0.25
-
7.5
-
7.5
A
10 V
-
0.5
-
0.5
-
15.0
-
15.0
A
15 V
-
1.0
-
1.0
-
30.0
-
30.0
A
CI
input
capacitance
---
7.5
--
-
-
pF


Similar Part No. - HEF4030BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4030BT PHILIPS-HEF4030BT Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
logo
Nexperia B.V. All right...
HEF4030BT NEXPERIA-HEF4030BT Datasheet
198Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 7 December 2021
HEF4030BT-Q100 NEXPERIA-HEF4030BT-Q100 Datasheet
678Kb / 11P
   Quad 2-input EXCLUSIVE-OR gate
More results

Similar Description - HEF4030BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com