Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-NSML400 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-NSML400
Description  Low Ohmic PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSML400 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-NSML400 Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSML400 Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSML400 Datasheet HTML 3Page - Bourns Electronic Solutions MF-NSML400 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MF-NSMF Series - PTC Resettable Fuses
Product Dimensions
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-NSML Series - Low Ohmic PTC Resettable Fuses
DIMENSIONS:
MM
(INCHES)
Model
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
Max.
MF-NSML150
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.30
(0.012)
0.60
(0.024)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML175
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.30
(0.012)
0.60
(0.024)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML190
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.30
(0.012)
0.60
(0.024)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML200
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.30
(0.012)
0.60
(0.024)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML260
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.45
(0.018)
0.80
(0.031)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML300
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.45
(0.018)
0.80
(0.031)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML350
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.45
(0.018)
0.80
(0.031)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML380
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.45
(0.018)
0.80
(0.031)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-NSML400
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
Packaging: 3000 pcs. per reel.
Terminal material:
ENIG-plated terminals
(Tin-plated terminals available upon
request).
Termination pad solderability:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Recommended Pad Layout
1.6 ± 0.1
(.063 ± .004)
2.0 ± 0.1
(.079 ± .004)
1.0 ± 0.05
(.039 ± .002)
1.0 ± 0.05
(.039 ± .002)
Bottom View
D
E
A
B
C
Top View
Side View
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
MF-NSML models cannot be wave soldered or hand soldered. Please
contact Bourns for soldering recommendations.
If reflow temperatures exceed the recommended profile, devices may not
meet the performance requirements.
Compatible with Pb and Pb-free solder reflow profiles.
Excess solder may cause a short circuit, especially during hand soldering.
Please refer to the Multifuse® Polymer PTC Soldering Recommendation
guidelines.
Designed for single solder reflow operations.


Similar Part No. - MF-NSML400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF BOURNS-MF-NSMF Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
436Kb / 5P
   PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF012-2 BOURNS-MF-NSMF012-2 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-NSML400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
   Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
   Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-FSML-X BOURNS-MF-FSML-X Datasheet
688Kb / 8P
   MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-FSML BOURNS-MF-FSML Datasheet
688Kb / 8P
   MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-PSML BOURNS-MF-PSML Datasheet
846Kb / 8P
   MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
REV. C, 10/21
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
   MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com