Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22204D107MAT9A Datasheet(PDF) 4 Page - AVX Corporation

Part # 22204D107MAT9A
Description  General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

22204D107MAT9A Datasheet(HTML) 4 Page - AVX Corporation

  22204D107MAT9A Datasheet HTML 1Page - AVX Corporation 22204D107MAT9A Datasheet HTML 2Page - AVX Corporation 22204D107MAT9A Datasheet HTML 3Page - AVX Corporation 22204D107MAT9A Datasheet HTML 4Page - AVX Corporation 22204D107MAT9A Datasheet HTML 5Page - AVX Corporation 22204D107MAT9A Datasheet HTML 6Page - AVX Corporation 22204D107MAT9A Datasheet HTML 7Page - AVX Corporation 22204D107MAT9A Datasheet HTML 8Page - AVX Corporation 22204D107MAT9A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
22
X5R Dielectric
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1206
1210
1812
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Packaging
Paper/Embossed
Paper/Embossed
All Embossed
(L) Length
MM
3.20 ± 0.20
3.20 ± 0.20
4.50 ± 0.30
(in.)
(0.126 ± 0.008)
(0.126 ± 0.008)
(0.177 ± 0.012)
(W) Width
MM
1.60 ± 0.20
2.50 ± 0.20
3.20 ± 0.20
(in.)
(0.063 ± 0.008)
(0.098 ± 0.008)
(0.126 ± 0.008)
(t)
Terminal
MM
0.50 ± 0.25
0.50 ± 0.25
0.61 ± 0.36
(in.)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.024 ± 0.014)
WVDC
6.3
10
16
25
35
6.3
10
16
25
35
6.3
10
25
Cap
100
(pF)
150
220
330
470
680
1000
1500
2200
3300
4700
6800
Cap
0.010
(µF
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
M
0.68
1.0
Q
N
1.5
2.2
Q
Q
X
3.3
4.7
Q
Q
Q
Z
6.8
10
Q
Q
Q
Z
Z
22
Q
Z
Z
Z
Z
47
Z
Z
100
Z
WVDC
6.3
10
16
25
35
6.3
10
16
25
35
6.3
10
25
SIZE
1206
1210
1812
L
W
T
t


Similar Part No. - 22204D107MAT9A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2220 ETC1-2220 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Kemet Corporation
2220 KEMET-2220 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
2220 ETC2-2220 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
2220 ETC2-2220 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
logo
TEKTRONIX, INC.
2220 TEKTRONIX-2220 Datasheet
741Kb / 4P
   Multi-Channel USB and USB/GPIB Programmable DC Power Supplies
More results

Similar Description - 22204D107MAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com