Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3314S-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3314S-2
Description  3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314S-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3314S-2 Datasheet HTML 1Page - Bourns Electronic Solutions 3314S-2 Datasheet HTML 2Page - Bourns Electronic Solutions 3314S-2 Datasheet HTML 3Page - Bourns Electronic Solutions 3314S-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
1
2
2
3
1
2
3
1
2
1
3
1.0
(.040)
3 PLCS.
0.8
± 0.1
(.031
± .004)
2 PLCS.
2.35
(.093)
2.3
(.091)
1.3
(.051)
2 PLCS.
2.0
(.079)
2.0
(.079)
3 PLCS.
3314J-1
0.20
(.008)
4.50
(.177)
4.50
(.177)
2.55
(.100)
TYP.
COMMON DIMENSIONS -
ALL PIN STYLES:
STRAIGHT
ADJ. SLOT
2.45
(.096)
.51
(.020)
.51
(.020)
WIDE
X
X
DEEP
LONG
COMMON DIMENSIONS -
ALL PIN STYLES:
STRAIGHT
ADJ. SLOT
2.45
(.096)
.51
(.020)
.51
(.020)
WIDE
X
X
DEEP
LONG
COMMON DIMENSIONS -
ALL PIN STYLES:
CROSS
ADJ. SLOT
2.41
(.095)
.51
(.020)
.51
(.020)
WIDE
X
X
DEEP
LONG
COMMON DIMENSIONS -
ALL PIN STYLES:
CROSS
ADJ. SLOT
2.41
(.095)
.51
(.020)
.51
(.020)
WIDE
X
X
DEEP
LONG
4.00
(.157)
5.00
(.197)
5.00
(.197)
1.30
± 0.1
(.051
± .004)
2
3
1
4.50
(.177)
3
1
2
2.55
(.100)
6.20
(.244)
5.00
(.197)
1.30
± 0.1
(.051
± .004)
0.8
± 0.1
(.031
± .004)
2.35
(.093)
2.3
(.091)
1.3
(.051)
5.5
(.217)
2.0
(.079)
3314G-1
0.20
(.008)
0.6
(.024)
5
° MAX.
TYP.
4.50
(.177)
TYP.
TYP.
2 PLCS.
2 PLCS.
1.3
(.051)
3 PLCS.
RECOMMENDED PCB
LAYOUT
RECOMMENDED PCB
LAYOUT
3314J-1, G-1, R-1, H-1
(Bourns Marking,
Straight Slot)
3314J-2, G-2, R-2, H-2
(Bourns Marking,
Cross Slot)
3314J-4, G-4, R-4, H-4
(Reverse Marking,
Cross Slot)
3314J-3, G-3, R-3, H-3
(Reverse Marking,
Straight Slot)
How To Order
3314 J - 1 - 502 E
Model
Style
Standard or Modified Product
Indicator (Styles J, G, R, H & S)
-1 = Single Slot
-2 = Cross Slot
-3 = Single Slot w/Reverse Marking
-4 = Cross Slot w/Reverse Marking
Product Indicator (Style Z only)
-GA4 = Single Slot
-1 = Cross Slot
-3 = Single Slot w/Reverse Marking
-4 = Cross Slot w/Reverse Marking
Resistance Code
Embossed Tape Designator (MSL-1)**
E = Styles J, G and R: 500 pcs./7 ” reel
Styles S and Z: 200 pcs./7 ” reel
G = Styles J and G: 3000 pcs./13 ” reel
Style R: 2500 pcs./13 ” reel
Styles S and Z: 1000 pcs./13 ” reel
**Style H is available in tube packaging only.
Features
Surface Mount / Single Turn / Cermet
Industrial / Sealed
Compatible with surface mount
manufacturing processes
Compatible with popular vacuum
pick-and-place equipment
J-hook, gull-wing and pinned
configurations
Side adjust available
Meets EIA/EIAJ/IPC/VECI SMD standard
trimmer designs
■ RoHS compliant* - see processing
information on lead free surface mount
trimmers
For trimmer applications/processing
guidelines, click here
3314 - 4 mm Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.....................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±20 % std.
(tighter tolerance available)
End Resistance ..... 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
.................................... 3 % or 3 ohms
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
100 megohms min.
Dielectric Strength
Sea Level............... 500 vac (1 minute)
Adjustment Angle ................. 210 ° nom.
Environmental Characteristics
Power Rating (300 volts max. for Style G,
J & H; 50 volts max. for Style R)
70 °C .................................... 0.25 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Humidity ............................90-98 % RH,
10 cycles, 240 hours
TRS ±2 %; IR 10 megohms
Vibration .....20 G TRS ±1 %; VRS ±1 %
Shock .......100 G TRS ±1 %; VRS ±1 %
Load Life
....(@ 70 °C Rated Power 1000 Hours)
TRS ±3 %
Rotational Life .......................100 cycles
TRS ±3 %
Thermal Shock .........................5 cycles
TRS ±2 %; VRS ±1 %
Physical Characteristics
Mechanical Angle ................. 240 ° nom.
Torque.............................180 g-cm max.
Stop Strength ..................300 g-cm min.
Pushover Strength (S & Z Style)
................1.6 kilograms (3.5 lbs.) min.
Weight ............... Approximately 0.01 oz.
Marking................. Manufacturer’s code,
resistance code and date code
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging
J, G and R ...500 pcs./7 ” reel (MSL-1)
S and Z........200 pcs./7 ” reel (MSL-1)
H....................................100 pcs./tube
Adjustment Tool..............................H-90
Product Dimensions
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular distribution values listed in boldface.
Special resistances available.


Similar Part No. - 3314S-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3314 BOURNS-3314 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
logo
ebm-papst
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
logo
3M Electronics
3314 3M-3314 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
More results

Similar Description - 3314S-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-101E BOURNS-3314J-1-101E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-103E BOURNS-3314J-1-103E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314G-1-503E BOURNS-3314G-1-503E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-204E BOURNS-3314J-1-204E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314 BOURNS-3314_1 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-104E BOURNS-3314J-1-104E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314G-1-203E BOURNS-3314G-1-203E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com