Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G79 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT1G79
Description  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G79 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT1G79 Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74AHC_AHCT1G79_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2007
4 of 12
NXP Semiconductors
74AHC1G79; 74AHCT1G79
Single D-type flip-flop; positive-edge trigger
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < V
O <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC1G79
74AHCT1G79
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G79
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V


Similar Part No. - 74AHCT1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G79 PHILIPS-74AHCT1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
74AHCT1G79 NXP-74AHCT1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHCT1G79-Q100 NEXPERIA-74AHCT1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHCT1G79GV NXP-74AHCT1G79GV Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results

Similar Description - 74AHCT1G79

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com