Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22203D107KAT2A Datasheet(PDF) 5 Page - AVX Corporation

Part # 22203D107KAT2A
Description  General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

22203D107KAT2A Datasheet(HTML) 5 Page - AVX Corporation

  22203D107KAT2A Datasheet HTML 1Page - AVX Corporation 22203D107KAT2A Datasheet HTML 2Page - AVX Corporation 22203D107KAT2A Datasheet HTML 3Page - AVX Corporation 22203D107KAT2A Datasheet HTML 4Page - AVX Corporation 22203D107KAT2A Datasheet HTML 5Page - AVX Corporation 22203D107KAT2A Datasheet HTML 6Page - AVX Corporation 22203D107KAT2A Datasheet HTML 7Page - AVX Corporation 22203D107KAT2A Datasheet HTML 8Page - AVX Corporation 22203D107KAT2A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
60
Packaging of Chip Components
Automatic Insertion Packaging
TAPE & REEL QUANTITIES
All tape and reel specifications are in compliance with RS481.
8mm
12mm
Paper or Embossed Carrier
0612, 0508, 0805, 1206,
1210
Embossed Only
1812, 1825
1808
2220, 2225
Paper Only
0201, 0306, 0402, 0603
Qty. per Reel/7" Reel
2,000, 3,000 or 4,000, 10,000, 15,000
3,000
500, 1,000
Contact factory for exact quantity
Contact factory for exact quantity
Qty. per Reel/13" Reel
5,000, 10,000, 50,000
10,000
4,000
Contact factory for exact quantity
REEL DIMENSIONS
Tape
A
B*
C
D*
N
W
1
W
2
W
3
Size(1)
Max.
Min.
Min.
Min.
Max.
7.90 Min.
8mm
14.4
(0.311)
(0.567)
10.9 Max.
330
1.5
20.2
50.0
(0.429)
(12.992)
(0.059)
(0.795)
(1.969)
11.9 Min.
12mm
18.4
(0.469)
(0.724)
15.4 Max.
(0.607)
Metric dimensions will govern.
English measurements rounded and for reference only.
(1) For tape sizes 16mm and 24mm (used with chip size 3640) consult EIA RS-481 latest revision.
13.0
+0.50
-0.20
(0.512
+0.020 )
-0.008
8.40
+1.5
-0.0
(0.331
+0.059 )
-0.0
12.4
+2.0
-0.0
(0.488
+0.079 )
-0.0


Similar Part No. - 22203D107KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
22203C104J4Z2A AVX-22203C104J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
22203C104J4Z2A KSS-22203C104J4Z2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
22203C104J4Z4A AVX-22203C104J4Z4A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
22203C104J4Z4A KSS-22203C104J4Z4A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
22203C104JAZ2A AVX-22203C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 22203D107KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com