Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2623GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2623GR
Description  Stand-Alone, 2A, 1- or2-Cell Switching LiFePO4 Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2623GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2623GR Datasheet HTML 1Page - Monolithic Power Systems MP2623GR Datasheet HTML 2Page - Monolithic Power Systems MP2623GR Datasheet HTML 3Page - Monolithic Power Systems MP2623GR Datasheet HTML 4Page - Monolithic Power Systems MP2623GR Datasheet HTML 5Page - Monolithic Power Systems MP2623GR Datasheet HTML 6Page - Monolithic Power Systems MP2623GR Datasheet HTML 7Page - Monolithic Power Systems MP2623GR Datasheet HTML 8Page - Monolithic Power Systems MP2623GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2623
Stand-Alone, 2A, 1- or2-Cell
Switching LiFePO4 Battery Charger
MP2623 Rev. 1.0
www.MonolithicPower.com
1
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2623 is a monolithic, DC-DC, step-
down, switching charger for a 1-or-2-cell serial
LiFePO4 battery. It has an integrated high-side
power MOSFET that can output up to a 2A
charge current. It also has peak-current–mode
control for fast loop response and easy
compensation.
The MP2623 uses a sense resistor to control a
programmable charge current, and accurately
regulates the charge current and the charge
voltage using two control loops.
The
MP2623
has
multiple
fault-condition
protections that include cycle-by-cycle current
limiting and thermal shutdown. Other safety
features include battery temperature monitoring
and protection, charge status indication and a
programmable timer to halt charging after a set
time period.
The MP2623 requires a minimal number of
readily-available external components.
The MP2623 is available in a 4mm×4mm 16-pin
QFN package.
FEATURES
 Charges 1- and 2-Cell LiFePO4 Battery
Packs
 Wide Operating-Input Range
 Programmable Charging Current of up to 2A
 ±0.75% VBATT Accuracy
 0.2Ω Integrated Power MOSFET
 Up to 90% Efficiency
 Fixed 1.1MHz Frequency
 Preconditioning for Fully-Depleted Batteries
 Charging Status Indicator
 Input Supply Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over-Current Protection
 Battery Temperature Monitor and Protection
APPLICATIONS
 Power Tools and Portable Equipment
 Handheld Terminals
 LiFePO4 Battery Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
L
RS1
VIN
VREF33
VCC
CELLS
CHGOK
ACOK
NTC
EN
COMPV
COMPI
GND
TMR
BATT
CSP
BST
SW
OFF
ON
C2
22
C3
1
C4
2.2nF
C5
2.2nF
C6
0.1
C7
0.1
R1
R2
R3
10k
10k
R4 2.5k
R5 750
4.7
100 m
D1
C1
4.7
RNTC
VIN
1-2 Cell
LiFePO4
D2
5.5V to 24V
MP2623
10
CIN


Similar Part No. - MP2623GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
MP2624AGL MPS-MP2624AGL Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
MP2624GL MPS-MP2624GL Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
More results

Similar Description - MP2623GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
   500mA LiFePO4 Battery Charger
REV 1.1
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
   1A LiFePO4 Battery Charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
   2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
   2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com