Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30R250 Datasheet(PDF) 3 Page - Littelfuse

Part # 30R250
Description  POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R250 Datasheet(HTML) 3 Page - Littelfuse

  30R250 Datasheet HTML 1Page - Littelfuse 30R250 Datasheet HTML 2Page - Littelfuse 30R250 Datasheet HTML 3Page - Littelfuse 30R250 Datasheet HTML 4Page - Littelfuse 30R250 Datasheet HTML 5Page - Littelfuse 30R250 Datasheet HTML 6Page - Littelfuse 30R250 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
77
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance
change
Humidity Aging
+85°C, 85% R.H., 1000 hours
-/+5% typical resistance
change
Thermal Shock
+85°C to -40°C 10 times
-/+5% typical resistance
change
Solvent Resistance
MIL–STD–202, Method 215F
No change
Moisture Resistance Level
Level 1, J–STD–020C
Physical Specifications
Lead Material
0.90-2.50A: Tin-plated Copper clad steel
3.00-9.00A: Tin-plated Copper
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with ‘LF’, voltage, current rating,
and date code.
Soldering Parameters - Wave Soldering
Pre-Heating Zone
Refer to the condition recommended
by the flux manufacturer.
Max. ramping rate should not exceed
4°C/Sec.
Soldering Zone
Max. solder temperature should not
exceed 260°C
Cooling Zone
Cooling by natural convection in air.
Preheating
160
190
220
260
0
5 max.
Soldering
Cooling
60 min.
Time(s)


Similar Part No. - 30R250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R250 LITTELFUSE-30R250 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R250 LITTELFUSE-30R250 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R250 LITTELFUSE-30R250 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R250 LITTELFUSE-30R250 Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
30R250UPR LITTELFUSE-30R250UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R400UF LITTELFUSE-30R400UF Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com