Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2611GL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 3Page - Monolithic Power Systems MP2611GL Datasheet HTML 4Page - Monolithic Power Systems MP2611GL Datasheet HTML 5Page - Monolithic Power Systems MP2611GL Datasheet HTML 6Page - Monolithic Power Systems MP2611GL Datasheet HTML 7Page - Monolithic Power Systems MP2611GL Datasheet HTML 8Page - Monolithic Power Systems MP2611GL Datasheet HTML 9Page - Monolithic Power Systems MP2611GL Datasheet HTML 10Page - Monolithic Power Systems MP2611GL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
7
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, C1=C2=22µF, C4=22µF, CTMR=0.1µF, L=1.5µH, RS1=50mΩ, RILIM=40.2kΩ, Battery
Simulator, Unless Otherwise Noted.
BATTERY VOLTAGE (V)
BATTERY VOLTAGE(V)
BATTERY VOLTAGE (V)
USB Mode Charge Curve
USB Mode Charge Curve
Frequency vs. Battery
Voltage
USB Mode
AC Mode Efficiency in
TC/CC Charge
Frequency vs. Battery
Voltage
AC Mode
USB Mode Efficiency
AC Mode Efficiency in
CV Charge
BATTERY VOLTAGE(V)
BATTERY VOLTAGE (V)
BATTERY VOLTAGE (V)
CHARGE CURRENT (mA)
BATTERY VOLTAGE(V)
AC Mode Charge Curve
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
VACIN=4.5V
VACIN=5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
VUSBIN=5V
VUSBIN=5.5V
VUSBIN=4.5V
0
0.5
1
1.5
2
2.5
3
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
IUSB_LIM=2A
IUSB_LIM=1.5A
IUSB_LIM=1A
IUSB_LIM=0.5A
0
200
400
600
800
1000
1200
1400
1600
1800
1 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VACIN=4.5V
VACIN=6V
VACIN=5V
0
200
400
600
800
1000
1200
1400
1600
1800
1 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VUSBIN>5V
VUSBIN=4.5V
50
55
60
65
70
75
80
85
90
95
100
1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VACIN=6V
VACIN=4.5V
VACIN=5V
50
55
60
65
70
75
80
85
90
95
100
400
800
1200
1600
2000
VACIN=6V
VACIN=5V
VACIN=4.5V
50
55
60
65
70
75
80
85
90
95
100
1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VUSBIN=5.5V
VUSBIN=5V
VUSBIN=4.5V
STAT2
2V/div.
STAT1
2V/div.
VREF33
2V/div.
VEN
200mV/div.
VREF Startup Waveform
VBATT=3.7V, En On


Similar Part No. - MP2611GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
   2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
   2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101NR MPS-MP26101NR Datasheet
474Kb / 16P
   2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP2610ER MPS-MP2610ER Datasheet
457Kb / 16P
   2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
More results

Similar Description - MP2611GL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A Datasheet
592Kb / 20P
   2A 1-Cell Li DC-DC Charger for USB* and Adapter Power
Rev 0; 12/08
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
   2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5880 GMT-G5880 Datasheet
175Kb / 1P
   Single Cell Li-Ion Battery Linear Charger Accepting USB and AC-Adapter Power Sources
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com