Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2607 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2607
Description  Li, LINEAR Charger WithSystem Power Path Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2607 Datasheet HTML 1Page - Monolithic Power Systems MP2607 Datasheet HTML 2Page - Monolithic Power Systems MP2607 Datasheet HTML 3Page - Monolithic Power Systems MP2607 Datasheet HTML 4Page - Monolithic Power Systems MP2607 Datasheet HTML 5Page - Monolithic Power Systems MP2607 Datasheet HTML 6Page - Monolithic Power Systems MP2607 Datasheet HTML 7Page - Monolithic Power Systems MP2607 Datasheet HTML 8Page - Monolithic Power Systems MP2607 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.02
www.MonolithicPower.com
2
6/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2607DL
QFN14 (3mm x 4mm)
2607
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2607DL –Z);
For RoHS compliant packaging, add suffix –LF; (e.g. MP2607DL –LF–Z)
PACKAGE REFERENCE
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ..................................................-0.3V to 13V
VSYS – VBATT .........................................-5V to 5V
All Other Pins................................-0.3V to 6.5 V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 3.1W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature................. -65°C to 150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...... 4.51V to 5.9V (AC Input)
4.51V to 6.27V (USB Input)
Output Voltage VBATT.......................3.0V to 4.5V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN14 (3mm x 4mm)............. 40 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4 layers board.


Similar Part No. - MP2607

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26075 MPS-MP26075 Datasheet
306Kb / 12P
   High Efficiency Cradle Charger
MP26075EQ MPS-MP26075EQ Datasheet
306Kb / 12P
   High Efficiency Cradle Charger
MP26075EQ-41 MPS-MP26075EQ-41 Datasheet
306Kb / 12P
   High Efficiency Cradle Charger
More results

Similar Description - MP2607

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
   High Power Li-Ion Charger W/I-Path Management
logo
Intersil Corporation
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
   High Power Li-Ion Charger W/I-Path Management
ISL9230_1107 INTERSIL-ISL9230_1107 Datasheet
930Kb / 20P
   High Power Li-Ion Charger W/I-Path Management
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
   BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
Texas Instruments
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com