Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2605DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2605DQ
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2605DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2605DQ Datasheet HTML 1Page - Monolithic Power Systems MP2605DQ Datasheet HTML 2Page - Monolithic Power Systems MP2605DQ Datasheet HTML 3Page - Monolithic Power Systems MP2605DQ Datasheet HTML 4Page - Monolithic Power Systems MP2605DQ Datasheet HTML 5Page - Monolithic Power Systems MP2605DQ Datasheet HTML 6Page - Monolithic Power Systems MP2605DQ Datasheet HTML 7Page - Monolithic Power Systems MP2605DQ Datasheet HTML 8Page - Monolithic Power Systems MP2605DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2605 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP2605 Rev. 0.94
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VSHDN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
SHDN = High
40
µA
Supply Current
ISUPPLY
SHDN= Low, ICHG = 0A,
VBATT=4.1V
200
µA
Battery Voltage Regulation
VBATT
T = -5°C to +75°C, IBATT = 0
4.16
4.20
4.24
V
Constant Current Regulation
ICHG
VIN = 5V, VBATT = 3.8V
RCHG = 3.3kΩ
448
515
582
mA
Constant Current Variation
VIN = 5V, VBATT = 3.8V,
TJ = 0°C to +120°C,
RCHG = 1.6kΩ to 8.0kΩ
87
100
113
%ICHG
(4)
End of Charge Threshold
IBF
20
%ICHG
(4)
Trickle Current
VIN = 5V, VBATT = 2.3V
5
10
15
%ICHG
(4)
Trickle Threshold Voltage
2.45
2.6
2.75
V
Trickle Voltage Hysteresis
100
mV
Input ACOK Up Range
6.7
7
7.3
V
Input ACOK Low Range
1.5
2
2.5
V
ACOK
and
CHG Over-
voltage Clamp
VZ
8.2
V
Input
Over
Voltage
Protection
OVP
VIN Rising
6.7
7
7.3
V
OVP Hysteresis
400
mV
SHDN Trip Threshold High
2.6
V
SHDN Trip Threshold Low
0.4
V
SHDN Pull up Current
ISHDN
VSHDN=3V
6
µA
CHG , ACOK Sink Current
Pin Voltage = 0.4V
8
mA
Battery Reverse Current to
BATT Pin
SHDN = Low and Input =
Floating or 0V
1
µA
Dropout voltage
VIN-VBATT
VBATT = 3.8V, RCHG =
6kΩ. Current drop 10%
0.25
V
Die temperature Limit
105
120
135
°C
Recharge Voltage Threshold VRECHARGE
3.9
4.0
4.1
V
Recharge Voltage hysteresis
100
mV
R_NTC at 0°C
Note: R_NTC is 100k at 25°C
R_NTC=TH11-4H104F
376.6
kΩ
R_NTC at 50°C
Note: R_NTC is 100k at 25°C
R_NTC=TH11-4H104F
32.3
kΩ


Similar Part No. - MP2605DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26053DQ MPS-MP26053DQ Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
MP26056DQ MPS-MP26056DQ Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
More results

Similar Description - MP2605DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
BQ24741 TI-BQ24741 Datasheet
1Mb / 30P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Monolithic Power System...
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com