Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP111-315 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP111-315
Description  Micropower Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111-315 Datasheet(HTML) 5 Page - Microchip Technology

  MCP111-315 Datasheet HTML 1Page - Microchip Technology MCP111-315 Datasheet HTML 2Page - Microchip Technology MCP111-315 Datasheet HTML 3Page - Microchip Technology MCP111-315 Datasheet HTML 4Page - Microchip Technology MCP111-315 Datasheet HTML 5Page - Microchip Technology MCP111-315 Datasheet HTML 6Page - Microchip Technology MCP111-315 Datasheet HTML 7Page - Microchip Technology MCP111-315 Datasheet HTML 8Page - Microchip Technology MCP111-315 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 5
MCP111/112
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature
(MCP111-195).
FIGURE 2-2:
IDD vs. Temperature
(MCP112-300).
FIGURE 2-3:
IDD vs. Temperature
(MCP112-475).
FIGURE 2-4:
IDD vs. VDD (MCP111-195).
FIGURE 2-5:
IDD vs. VDD (MCP112-300).
FIGURE 2-6:
IDD vs. VDD (MCP112-475).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
5.5V
MCP111-195
0
0.2
0.4
0.6
0.8
1
1.2
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
MCP112-300
5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
5.5V
MCP112-475
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.02.0
3.04.0
5.06.0
VDD (V)
-40°C
+25°C
+85°C
+125°C
MCP111-195
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP112-300
-40°C
+25°C
+85°C
+125°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
MCP112-475
-40°C
+25°C
+85°C
+125°C


Similar Part No. - MCP111-315

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP111-315 MICROCHIP-MCP111-315 Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111-315 MICROCHIP-MCP111-315 Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111-315E MICROCHIP-MCP111-315E Datasheet
383Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111-315E/LB MICROCHIP-MCP111-315E/LB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP111-315E/MB MICROCHIP-MCP111-315E/MB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
More results

Similar Description - MCP111-315

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111T-300E MICROCHIP-MCP111T-300E Datasheet
383Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_16 Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP111T-315E MICROCHIP-MCP111T-315E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_13 Datasheet
400Kb / 26P
   Micropower Voltage Detector
2004-2013
MCP111 MICROCHIP-MCP111 Datasheet
332Kb / 22P
   Micropower Voltage Detector
2004
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com