Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRS6525 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STRS6525
Description  OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRS6525 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STRS6525 Datasheet HTML 1Page - Allegro MicroSystems STRS6525 Datasheet HTML 2Page - Allegro MicroSystems STRS6525 Datasheet HTML 3Page - Allegro MicroSystems STRS6525 Datasheet HTML 4Page - Allegro MicroSystems STRS6525 Datasheet HTML 5Page - Allegro MicroSystems STRS6525 Datasheet HTML 6Page - Allegro MicroSystems STRS6525 Datasheet HTML 7Page - Allegro MicroSystems STRS6525 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR-S6525
OFF-LINE
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
60
40
20
20
60
100
3.2 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
54 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-2
SYNC
4
0.01
µF
OSC.
TSD
OVER-VOLT.
PROTECT
COMMON
3
R
SQ
V
IN
FDBK
OVER-CURRENT
PROTECTION
SOURCE
DRAIN
Rton
REF.
FAULT
LATCH
5
1
2
9
6
Dwg. FK-002-1
TRIGGER
0.01
µF
2 k
SOFT
START
7
1000 pF
FAULT-LATCH
TRIGGER
8
Rtoff
0.75 V
+
UVLO
100
10
1.0
0.1
DRAIN-TO-SOURCE VOLTAGE in VOLTS
Dwg. GK-004-4
0.3
3.0
30
3.0
10
30
100
300
NO HEAT SINK
NATURAL COOLING
T
= +25
°C
A
t
= 1
ms
SINGLE
PULSE
w
t
= 0.1
ms
SINGLE
PULSE
w
INFINITE
HEAT
SINK
1000
LIMITED
BY r
DS(on)
Copyright © 1994 Allegro MicroSystems, Inc.


Similar Part No. - STRS6525

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6529 ALLEGRO-STRS6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
More results

Similar Description - STRS6525

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-M6511 ALLEGRO-STR-M6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6529 ALLEGRO-STR-S6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-M6529 ALLEGRO-STR-M6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6513 ALLEGRO-STR-S6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com