Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRG6624 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STRG6624
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRG6624 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STRG6624 Datasheet HTML 1Page - Allegro MicroSystems STRG6624 Datasheet HTML 2Page - Allegro MicroSystems STRG6624 Datasheet HTML 3Page - Allegro MicroSystems STRG6624 Datasheet HTML 4Page - Allegro MicroSystems STRG6624 Datasheet HTML 5Page - Allegro MicroSystems STRG6624 Datasheet HTML 6Page - Allegro MicroSystems STRG6624 Datasheet HTML 7Page - Allegro MicroSystems STRG6624 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STR-G6651
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ALLOWABLE AVALANCHE ENERGY
200
100
0
60
100
140
50
STARTING CHANNEL TEMPERATURE in
°C
Dwg. GK-009-2
150
0
20
40
80
120
160
SINGLE PULSE
DRAIN CURRENT = 1.8 A
STR-G6600 Series
Drain-Source
Drain-Source
Output Breakdown Voltage
ON Resistance
at I
D = 300 µA
at I
D = 0.9 A
Part Number
V
(BR)DS, Minimum
r
DS(on), Maximum
Output Power
For 100/120 V AC Input
STR-G6622
450 V
2.18
44 W – 60 W
STR-G6624
450 V
0.92
98 W – 130 W
For 110/120 V AC Input
STR-G6632
500 V
2.62
36 W – 50 W
For 200/220 V AC Input
STR-G6651
650 V
3.95
66 W
STR-G6652
650 V
2.80
86 W
STR-G6653
650 V
1.95
120 W


Similar Part No. - STRG6624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRG6653 ETC1-STRG6653 Datasheet
198Kb / 3P
   STRG6653
More results

Similar Description - STRG6624

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Allegro MicroSystems
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
   Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
   Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
   Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com